Electronic Components Datasheet Search
  English  ▼

X  

MAX25615 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25615
Description  7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25615 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25615 Datasheet HTML 1Page - Maxim Integrated Products MAX25615 Datasheet HTML 2Page - Maxim Integrated Products MAX25615 Datasheet HTML 3Page - Maxim Integrated Products MAX25615 Datasheet HTML 4Page - Maxim Integrated Products MAX25615 Datasheet HTML 5Page - Maxim Integrated Products MAX25615 Datasheet HTML 6Page - Maxim Integrated Products MAX25615 Datasheet HTML 7Page - Maxim Integrated Products MAX25615 Datasheet HTML 8Page - Maxim Integrated Products MAX25615 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(CL = 1000pF, TA = +25°C, unless otherwise noted. See Figure 1.)
3
3.5
4
4.5
5
5.5
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
FALL TIMEvs. SUPPLY VOLTAGE
toc02
TA = +125ºC
TA = +25ºC
TA = 0ºC
TA = -40ºC
TA = +85ºC
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
INPUT THRESHOLD
VOLTAGEvs. SUPPLY VOLTAGE
toc08
FALLING
RISING
0.00
0.50
1.00
1.50
2.00
2.50
3.00
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
toc05
1MHz
100kHz
75kHz
40kHz
DUTY CYCLE = 50%
CL = 0
500kHz
8
10
12
14
16
18
20
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
PROPAGATION DELAY (LOW TO HIGH)
vs. SUPPLY VOLTAGE
toc03
TA = +125ºC
TA = +25ºC
TA = 0ºC
TA = -40ºC
TA = +85ºC
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
2
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
SUPPLY CURRENT
vs. INPUT VOLTAGE
toc09
INPUT HIGH TO LOW
V+ = 12V
INPUT LOW TO HIGH
SUPPLY CURRENT vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1600
1200
400
800
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0
0
2000
V+ = 12V
f = 100kHz
DUTY CYCLE = 50%
4
4.5
5
5.5
6
6.5
7
7.5
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
RISE TIME vs.SUPPLY VOLTAGE
toc01
TA = +125ºC
TA = +25ºC
TA = 0ºC
TA = -40ºC
TA = +85ºC
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
0.6
0.8
1.0
1.2
1.4
0.4
-40
125
V+ = 12V
f = 100kHz, CL = 0
DUTY CYCLE = 50%
8
10
12
14
16
18
20
22
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
PROPAGATION DELAY (HIGH TO LOW)
vs. SUPPLY VOLTAGE
toc04
TA = +125ºC
TA = +25ºC
TA = 0ºC
TA = -40ºC
TA = +85ºC
Maxim Integrated │ 4
www.maximintegrated.com
MAX25615
7A Sink, 3A Source,
12ns, SOT23 MOSFET Driver
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com