Electronic Components Datasheet Search
  English  ▼

X  

MAX40026 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40026
Description  280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40026 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40026 Datasheet HTML 1Page - Maxim Integrated Products MAX40026 Datasheet HTML 2Page - Maxim Integrated Products MAX40026 Datasheet HTML 3Page - Maxim Integrated Products MAX40026 Datasheet HTML 4Page - Maxim Integrated Products MAX40026 Datasheet HTML 5Page - Maxim Integrated Products MAX40026 Datasheet HTML 6Page - Maxim Integrated Products MAX40026 Datasheet HTML 7Page - Maxim Integrated Products MAX40026 Datasheet HTML 8Page - Maxim Integrated Products MAX40026 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics (continued)
(VCC = 3.3V, VCM = 2.5V, RLOAD = 100Ω, connected from OUT+ to OUT-, TA = -40ºC to +125ºC)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Skew
Measured using
square wave with
Rise and Fall Time
= 150ps, 100mV
overdrive
Propagation Delay
difference between
OUT+ and OUT-
10
ps
Note 1:
Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply
voltage range are guaranteed by design and characterization.
Note 2:
Specifications are guaranteed by design and characterization and not production tested.
MAX40025C/MAX40026
280ps High-Speed Comparator, Ultra-Low
Dispersion with LVDS Outputs
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com