Electronic Components Datasheet Search
  English  ▼

X  

MAX41463 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX41463
Description  300MHz–960MHz ASK Transmitter with I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX41463 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX41463 Datasheet HTML 1Page - Maxim Integrated Products MAX41463 Datasheet HTML 2Page - Maxim Integrated Products MAX41463 Datasheet HTML 3Page - Maxim Integrated Products MAX41463 Datasheet HTML 4Page - Maxim Integrated Products MAX41463 Datasheet HTML 5Page - Maxim Integrated Products MAX41463 Datasheet HTML 6Page - Maxim Integrated Products MAX41463 Datasheet HTML 7Page - Maxim Integrated Products MAX41463 Datasheet HTML 8Page - Maxim Integrated Products MAX41463 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Electrical Characteristics (continued)
(Typical Application Circuit, all RF inputs and outputs are referenced to 50Ω, VDD = +1.8V to +3.6V, TA = -40°C to +105°C, POUT =
+13dBm for 300MHz–450MHz or +11dBm for 863MHz–928MHz, PA_BOOST = 0, unless otherwise noted. Typical values are at VDD
= +3V, TA = +25°C, unless otherwise noted. (Note 1))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER AMPLIFIER
Output Power
POUT
fRF = 300MHz–450MHz (Note 4)
13
dBm
fRF = 300MHz–450MHz (Note 4, Note 5)
17
fRF = 863MHz–928MHz (Note 4)
11
fRF = 863MHz–928MHz (Note 4, Note 5),
PA_BOOST = 1
16
Maximum Carrier
Harmonics
PA_BOOST = 0. Supply current, output
power, and harmonics are dependent on
board layout and PAOUT match.
-24
dBc
PLL
Frequency Range
Low Current mode (default)
286
960
MHz
Low Phase Noise mode, LODIV = DIV12
286.7
320
Low Phase Noise mode, LODIV = DIV8
425
480
Low Phase Noise mode, LODIV = DIV4
860
960
PLL Phase Noise
fRF = 315MHz, Low
Current mode
(default)
fOFFSET = 200kHz
-82
dBc/Hz
fOFFSET = 1MHz
-90
fRF = 434MHz,
Low Current mode
(default)
fOFFSET = 200kHz
-80
fOFFSET = 1MHz
-90
fRF = 915MHz, Low
Phase Noise mode
fOFFSET = 200KHz
-82
fOFFSET = 1MHz
-104
LO Divider Settings
4
8
12
Minimum Synthesizer
Frequency Step
fXTAL/
216
Hz
Reference Spur
fRF = 315MHz
fRF ± fXTAL
-67
dBc
fRF = 434MHz
fRF ± fXTAL
-60
fRF = 868MHz
fRF ± fXTAL
-57
fRF = 915MHz
fRF ± fXTAL
-56
Reference Frequency
Input Level
500
mVP-P
Frequency Switching
Time
26MHz frequency step, 902MHz to
928MHz band, time from end of register
write to frequency settled to within 5kHz
of desired carrier
50
μs
Loop Bandwidth
LBW
300
kHz
MAX41461/MAX41462
300MHz–960MHz ASK Transmitter with I2C
Interface
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com