Electronic Components Datasheet Search
  English  ▼

X  

AM5729 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM5729
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5729 Datasheet(HTML) 2 Page - Texas Instruments

  AM5729 Datasheet HTML 1Page - Texas Instruments AM5729 Datasheet HTML 2Page - Texas Instruments AM5729 Datasheet HTML 3Page - Texas Instruments AM5729 Datasheet HTML 4Page - Texas Instruments AM5729 Datasheet HTML 5Page - Texas Instruments AM5729 Datasheet HTML 6Page - Texas Instruments AM5729 Datasheet HTML 7Page - Texas Instruments AM5729 Datasheet HTML 8Page - Texas Instruments AM5729 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 415 page
background image
2
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Device Overview
Copyright © 2015–2019, Texas Instruments Incorporated
1.2
Applications
•
Industrial communication
•
Human Machine Interface (HMI)
•
Automation and control
•
High performance applications
•
Analytics
•
Other general use
(1)
For more information, see Section 10, Mechanical, Packaging, and Orderable Information.
1.3
Description
AM572x Sitara™ processors are Arm applications processors built to meet the intense processing needs
of modern embedded products.
AM572x devices bring high processing performance through the maximum flexibility of a fully integrated
mixed processor solution. The devices also combine programmable video processing with a highly
integrated peripheral set. Cryptographic acceleration is available in every AM572x device.
Programmability is provided by dual-core Arm® Cortex®-A15 RISC CPUs with Arm® Neon™ extension,
and two TI C66x VLIW floating-point DSP core, and Vision AccelerationPac (with 4x EVEs). The Arm
allows developers to keep control functions separate from other algorithms programmed on the DSPs and
coprocessors, thus reducing the complexity of the system software.
Additionally, TI provides a complete set of development tools for the Arm and C66x DSP, including C
compilers, a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface
for visibility into source code execution.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM5729ABC
FCBGA (760)
23.0 mm × 23.0 mm
AM5728ABC
FCBGA (760)
23.0 mm × 23.0 mm
AM5726ABC
FCBGA (760)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com