| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 114 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 114 Page - Texas Instruments |
|
114 / 415 page ![]() 114 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-4. VIP Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL vin5a_d14 Video Input 5 Port A Data input I A21 vin5a_d15 Video Input 5 Port A Data input I C18 Video Input 6 vin6a_clk0 Video Input 6 Port A Clock input I E17 vin6a_de0 Video Input 6 Port B Data Enable input I D14 vin6a_fld0 Video Input 6 Port A Field ID input I C14 vin6a_hsync0 Video Input 6 Port A Horizontal Sync input I F12 vin6a_vsync0 Video Input 6 Port A Vertical Sync input I G12 vin6a_d0 Video Input 6 Port A Data input I C17 / D18 vin6a_d1 Video Input 6 Port A Data input I B19 vin6a_d2 Video Input 6 Port A Data input I F15 vin6a_d3 Video Input 6 Port A Data input I B18 vin6a_d4 Video Input 6 Port A Data input I A16 vin6a_d5 Video Input 6 Port A Data input I C15 vin6a_d6 Video Input 6 Port A Data input I A18 vin6a_d7 Video Input 6 Port A Data input I A19 vin6a_d8 Video Input 6 Port A Data input I F14 vin6a_d9 Video Input 6 Port A Data input I G14 vin6a_d10 Video Input 6 Port A Data input I A13 vin6a_d11 Video Input 6 Port A Data input I E14 vin6a_d12 Video Input 6 Port A Data input I A12 vin6a_d13 Video Input 6 Port A Data input I B13 vin6a_d14 Video Input 6 Port A Data input I A11 vin6a_d15 Video Input 6 Port A Data input I B12 4.4.2 Display Subsystem – Video Output Ports CAUTION The I/O timings provided in Section 7, Timing Requirements and Switching Characteristics are valid only if signals within a single IOSET are used. The IOSETs are defined in the Table 7-19 and Table 7-20. Table 4-5. DSS Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL DPI Video Output 1 vout1_clk Video Output 1 Clock output O D11 vout1_de Video Output 1 Data Enable output O B10 vout1_fld Video Output 1 Field ID output.This signal is not used for embedded sync modes. O B11 vout1_hsync Video Output 1 Horizontal Sync output.This signal is not used for embedded sync modes. O C11 vout1_vsync Video Output 1 Vertical Sync output.This signal is not used for embedded sync modes. O E11 vout1_d0 Video Output 1 Data output O F11 vout1_d1 Video Output 1 Data output O G10 vout1_d2 Video Output 1 Data output O F10 vout1_d3 Video Output 1 Data output O G11 vout1_d4 Video Output 1 Data output O E9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |