Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 112Page - Texas Instruments AM5728 Datasheet HTML 113Page - Texas Instruments AM5728 Datasheet HTML 114Page - Texas Instruments AM5728 Datasheet HTML 115Page - Texas Instruments AM5728 Datasheet HTML 116Page - Texas Instruments AM5728 Datasheet HTML 117Page - Texas Instruments AM5728 Datasheet HTML 118Page - Texas Instruments AM5728 Datasheet HTML 119Page - Texas Instruments AM5728 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 415 page
background image
116
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-5. DSS Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vout2_d22
Video Output 2 Data output
O
F3/ AB3
vout2_d23
Video Output 2 Data output
O
F2/ AA4
DPI Video Output 3
vout3_clk
Video Output 3 Clock output
O
P1/ AF9 (1)
vout3_de
Video Output 3 Data Enable output
O
N9/ AD9 (1)
vout3_fld
Video Output 3 Field ID output.This signal is not used for embedded sync modes.
O
P9/ AG8 (1)
vout3_hsync
Video Output 3 Horizontal Sync output.This signal is not used for embedded sync
modes.
O
N7/ AE9 (1)
vout3_vsync
Video Output 3 Vertical Sync output.This signal is not used for embedded sync modes.
O
R4/ AF8 (1)
vout3_d0
Video Output 3 Data output
O
M6/ AH4 (1)/ AD3
(1)
vout3_d1
Video Output 3 Data output
O
M2/ AG6 (1)/ AD2
(1)
vout3_d2
Video Output 3 Data output
O
L5/ AH5 (1)/ AE6 (1)
vout3_d3
Video Output 3 Data output
O
M1/ AH3 (1)/ AE2
(1)
vout3_d4
Video Output 3 Data output
O
L6/ AH6 (1)/ AE1 (1)
vout3_d5
Video Output 3 Data output
O
L4/ AG7 (1)/ AE5 (1)
vout3_d6
Video Output 3 Data output
O
L3/ AD8 (1)/ AE3 (1)
vout3_d7
Video Output 3 Data output
O
L2/ AE8 (1)/ AF1 (1)
vout3_d8
Video Output 3 Data output
O
L1/ AF4 (1)
vout3_d9
Video Output 3 Data output
O
K2/ AF3 (1)
vout3_d10
Video Output 3 Data output
O
J1/ AF6 (1)
vout3_d11
Video Output 3 Data output
O
J2/ AF2 (1)
vout3_d12
Video Output 3 Data output
O
H1/ AG5 (1)
vout3_d13
Video Output 3 Data output
O
J3/ AG3 (1)
vout3_d14
Video Output 3 Data output
O
H2/ AG2 (1)
vout3_d15
Video Output 3 Data output
O
H3/ AG4 (1)
vout3_d16
Video Output 3 Data output
O
R6/ AG8 (1)/ AH4
(1)
vout3_d17
Video Output 3 Data output
O
T9/ AD9 (1)/ AG6
(1)
vout3_d18
Video Output 3 Data output
O
T6/ AH5 (1)
vout3_d19
Video Output 3 Data output
O
T7/ AH3 (1)
vout3_d20
Video Output 3 Data output
O
P6/ AH6 (1)
vout3_d21
Video Output 3 Data output
O
R9/ AG7 (1)
vout3_d22
Video Output 3 Data output
O
R5/ AD8 (1)
vout3_d23
Video Output 3 Data output
O
P5/ AE8 (1)
(1) The VOUT3 interface when multiplexed onto balls mapped to the VDDSHV6 supply rail is restricted to operating in 1.8V mode only
(VDDSHV6 must be supplied with 1.8V). 3.3V mode is not supported. This must be considered in the pin mux programming and
VDDSHVx supply connections.
4.4.3
Display Subsystem – High-Definition Multimedia Interface (HDMI)
NOTE
For more information, see the Display Subsystem / Display Subsystem Overview of the
device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com