Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 116Page - Texas Instruments AM5728 Datasheet HTML 117Page - Texas Instruments AM5728 Datasheet HTML 118Page - Texas Instruments AM5728 Datasheet HTML 119Page - Texas Instruments AM5728 Datasheet HTML 120Page - Texas Instruments AM5728 Datasheet HTML 121Page - Texas Instruments AM5728 Datasheet HTML 122Page - Texas Instruments AM5728 Datasheet HTML 123Page - Texas Instruments AM5728 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 415 page
background image
120
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-7. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr2_d3
EMIF2 Data Bus
IO
F24
ddr2_d4
EMIF2 Data Bus
IO
F26
ddr2_d5
EMIF2 Data Bus
IO
F27
ddr2_d6
EMIF2 Data Bus
IO
E27
ddr2_d7
EMIF2 Data Bus
IO
E28
ddr2_d8
EMIF2 Data Bus
IO
H23
ddr2_d9
EMIF2 Data Bus
IO
H25
ddr2_d10
EMIF2 Data Bus
IO
H24
ddr2_d11
EMIF2 Data Bus
IO
H26
ddr2_d12
EMIF2 Data Bus
IO
G26
ddr2_d13
EMIF2 Data Bus
IO
J25
ddr2_d14
EMIF2 Data Bus
IO
J26
ddr2_d15
EMIF2 Data Bus
IO
J24
ddr2_d16
EMIF2 Data Bus
IO
L22
ddr2_d17
EMIF2 Data Bus
IO
K20
ddr2_d18
EMIF2 Data Bus
IO
K21
ddr2_d19
EMIF2 Data Bus
IO
L23
ddr2_d20
EMIF2 Data Bus
IO
L24
ddr2_d21
EMIF2 Data Bus
IO
J23
ddr2_d22
EMIF2 Data Bus
IO
K22
ddr2_d23
EMIF2 Data Bus
IO
J20
ddr2_d24
EMIF2 Data Bus
IO
L27
ddr2_d25
EMIF2 Data Bus
IO
L26
ddr2_d26
EMIF2 Data Bus
IO
L25
ddr2_d27
EMIF2 Data Bus
IO
L28
ddr2_d28
EMIF2 Data Bus
IO
M23
ddr2_d29
EMIF2 Data Bus
IO
M24
ddr2_d30
EMIF2 Data Bus
IO
M25
ddr2_d31
EMIF2 Data Bus
IO
M26
ddr2_dqm0
EMIF2 Data Mask
O
F28
ddr2_dqm1
EMIF2 Data Mask
O
G24
ddr2_dqm2
EMIF2 Data Mask
O
K23
ddr2_dqm3
EMIF2 Data Mask
O
M22
ddr2_dqs0
Data strobe 0 input/output for byte 0 of the 32-bit data bus. This signal is output to the
EMIF2 memory when writing and input when reading.
IO
G28
ddr2_dqsn0
Data strobe 0 invert
IO
G27
ddr2_dqs1
Data strobe 1 input/output for byte 1 of the 32-bit data bus. This signal is output to the
EMIF2 memory when writing and input when reading.
IO
H27
ddr2_dqsn1
Data strobe 1 invert
IO
H28
ddr2_dqs2
Data strobe 2 input/output for byte 2 of the 32-bit data bus. This signal is output to the
EMIF2 memory when writing and input when reading.
IO
K27
ddr2_dqsn2
Data strobe 2 invert
IO
K28
ddr2_dqs3
Data strobe 3 input/output for byte 3 of the 32-bit data bus. This signal is output to the
EMIF2 memory when writing and input when reading.
IO
M28
ddr2_dqsn3
Data strobe 3 invert
IO
M27
ddr2_vref0
Reference Power Supply EMIF2
A
N22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com