| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 140 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 140 Page - Texas Instruments |
|
140 / 415 page ![]() 140 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-23. GPIOs Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL gpio7_28 General-Purpose Input/Output IO J1 gpio7_29 General-Purpose Input/Output IO J2 gpio7_30 General-Purpose Input/Output IO D14 gpio7_31 General-Purpose Input/Output IO C14 GPIO 8 gpio8_0 General-Purpose Input/Output IO F11 gpio8_1 General-Purpose Input/Output IO G10 gpio8_2 General-Purpose Input/Output IO F10 gpio8_3 General-Purpose Input/Output IO G11 gpio8_4 General-Purpose Input/Output IO E9 gpio8_5 General-Purpose Input/Output IO F9 gpio8_6 General-Purpose Input/Output IO F8 gpio8_7 General-Purpose Input/Output IO E7 gpio8_8 General-Purpose Input/Output IO E8 gpio8_9 General-Purpose Input/Output IO D9 gpio8_10 General-Purpose Input/Output IO D7 gpio8_11 General-Purpose Input/Output IO D8 gpio8_12 General-Purpose Input/Output IO A5 gpio8_13 General-Purpose Input/Output IO C6 gpio8_14 General-Purpose Input/Output IO C8 gpio8_15 General-Purpose Input/Output IO C7 gpio8_16 General-Purpose Input/Output IO B7 gpio8_17 General-Purpose Input/Output IO B8 gpio8_18 General-Purpose Input/Output IO A7 gpio8_19 General-Purpose Input/Output IO A8 gpio8_20 General-Purpose Input/Output IO C9 gpio8_21 General-Purpose Input/Output IO A9 gpio8_22 General-Purpose Input/Output IO B9 gpio8_23 General-Purpose Input/Output IO A10 gpio8_27 General-Purpose Input I D23 gpio8_28 General-Purpose Input/Output IO F19 gpio8_29 General-Purpose Input/Output IO E18 gpio8_30(1) General-Purpose Input/Output IO G21 gpio8_31(1) General-Purpose Input/Output IO D24 (1) gpio8_30 is multiplexed with EMU0 and gpio8_31 is multiplexed with EMU1. These pins will be sampled at reset release by the test and emulation logic. Therefore, if they are used as GPIO pins, they must return to the high state whenever the device enters reset. This can be controlled by logic driven from rstoutn. After the device exits reset (indicated by rstoutn rising), these can return to GPIO mode. 4.4.21 Keyboard controller (KBD) NOTE For more information, see Keyboard Controller section of the device TRM. Table 4-24. Keyboard Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL kbd_row0 Keypad row 0 I AD9/ E1 kbd_row1 Keypad row 1 I AF9/ G2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |