Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 8Page - Texas Instruments OPA388 Datasheet HTML 9Page - Texas Instruments OPA388 Datasheet HTML 10Page - Texas Instruments OPA388 Datasheet HTML 11Page - Texas Instruments OPA388 Datasheet HTML 12Page - Texas Instruments OPA388 Datasheet HTML 13Page - Texas Instruments OPA388 Datasheet HTML 14Page - Texas Instruments OPA388 Datasheet HTML 15Page - Texas Instruments OPA388 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
C001
±40°C
25°C
125°C
125°C
25°C
±40°C
0.0
0.3
0.5
0.8
1.0
1.3
1.5
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
ios
-20
0
20
40
60
100
1k
10k
100k
1M
10M
Frequency (Hz)
G = +1
G= +10
G= +100
C004
±500
0
500
1000
1500
±3
±2
±1
0
1
2
3
Input Common-mode Voltage (V)
C001
-45
0
45
90
135
180
±40
±20
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C021
Open-Loop Phase
Open-Loop Gain
Days
0
20
40
60
80
100
120
140
160
-20
-15
-10
-5
0
5
10
15
20
C309
12
OPA388, OPA2388, OPA4388
SBOS777C – DECEMBER 2016 – REVISED MAY 2019
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±2.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
3 typical units
Figure 7. Offset Voltage Long Term Drift
Figure 8. Open-Loop Gain and Phase vs Frequency
Figure 9. Closed-Loop Gain and Phase vs Frequency
Figure 10. Input Bias Current vs Common-Mode Voltage
Figure 11. Input Bias Current vs Temperature
Figure 12. Output Voltage Swing vs Output Current
(Maximum Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com