Electronic Components Datasheet Search
  English  ▼

X  

MTP805 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MTP805
Description  8051 Embedded USB/PS2 Keyboard/Mouse Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTP805 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MTP805 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTP805 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MYSON
TECHNOLOGY
MTP805
(Rev. 0.9)
Revision 0.9
- 13 -
2000/07/19
ELECTRICAL PARAMETERS
1. Absolute Maximum Ratings
at: Ta= 0 to 70 oC, VSS=0V
Name
Symbol
Range
Unit
Maximum Supply Voltage
VDD
-0.3 to +6.0
V
Maximum Input Voltage
Vin
-0.3 to VDD+0.3
V
Maximum Output Voltage
Vout
-0.3 to VDD+0.3
V
Maximum Operating Temperature
Topg
0 to +70
oC
Maximum Storage Temperature
Tstg
-25 to +125
oC
2. Allowable Operating Conditions
at: Ta= 0 to 70 oC, VSS=0V
Name
Symbol
Min.
Max.
Unit
Supply Voltage
VDD
4.5
5.5
V
Input "H" Voltage
Vih1
0.7 x VDD
VDD +0.3
V
Input "L" Voltage
Vil1
-0.3
0.15 x VDD
V
Operating Freq.
Fosc
6
6
MHz
3. DC Characteristics
at: Ta= 25 oC, VSS=0V, VDD=5V, Fosc=6MHz
Name
Symbol
Min.
Max.
Unit
Active current
Icc
6
mA
Power Down current
Ipd
20
uA
Output High Voltage @ Ioh=-100u
Voh
4.0
V
Output Low Voltage @ Iol=4mA
Vol
0.45
V
LED sink current @ Vol=3.2V
Iled
6.2
mA
RST pin pull down resistor
Rrst
50
150
Kohm
KSI pin pull up resistor
Rksi
50
100
Kohm
V33 output voltage
V33
3.2
3.4
V
4. AC Characteristics
at: Ta= 25 oC, VSS=0V, VDD=5V, Fosc=6MHz
Name
Symbol
Min.
Max.
Unit
DP/DM rise time
Trise
75
300
ns
DP/DM fall time
Tfall
75
300
ns
DP,DM cross point
Vx
1.3
2.0
V
* note: all USB transceiver characteristic can meet USB 1.1 spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com