Electronic Components Datasheet Search
  English  ▼

X  

MAX16154AECT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16154AECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16154AECT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16154AECT Datasheet HTML 1Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 2Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 3Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 4Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 5Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 6Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 7Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 8Page - Maxim Integrated Products MAX16154AECT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics
((VCC = 1.2V to 5.5V, TA = -40ºC to +125ºC. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by production test and/or characterization. Typical values are at TA = +25ºC and VCC = VTH + 150mV.))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
1.2
5.5
V
Supply Current
Outputs not asserted, VCC = VTH +
150mV
400
900
nA
VCC Threshold Range
1.5
5
V
VCC Reset Threshold
Accuracy
VTH_AC
VCC falling
-2.5
+2.5
%
VCC Reset Threshold
Hysteresis
VCC rising
0.4
%
VCC to Reset Delay
tRD
VCC falling from (VTH + 100mV) to (VTH -
100mV)
80
μs
Reset Timeout Period
Accuracy
tRP_AC
Note 1
-50
+50
%
WATCHDOG
Watchdog Timeout
Period Accuracy
tWD_AC
-50
+50
%
Watchdog Startup Delay
Accuracy
tSTART-UP_AC
-50
+50
%
Watchdog Setup Time
tSETUP
Time between low-to-high transition of
WD_EN and watchdog timer enabled.
300
μs
Output Voltage Low
VOL
VCC ≥ 1.0V, ISINK = 50μA
0.3
V
VCC > 2.7V, ISINK = 1.2mA
0.3
VCC > 4.5V, ISINK = 3.2mA
0.4
Watchdog Input Pulse
Width
tWDI
After WDO deasserted
1
μs
Watchdog Output Pulse
Width
tWDO
100
300
ms
Input Voltage High
VIH
0.8 x
VCC
V
Input Logic-Low
VIL
WDI, MR, WD_EN
VCC ≥ 3.3V
0.3 x
VCC
V
1.5V ≥ VCC
0.3 x
VCC
Watchdog Output
Leakage Current
VWDO = 0 to 5.5V, output deasserted
1
μA
Reset Ouput Leakage
Current
VRST = 0 to 5.5V, reset output
deasserted
1
μA
WD_EN Input Glitch
Rejection
300
ns
Manual Reset Input
Glitch Rejection
200
ns
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com