Electronic Components Datasheet Search
  English  ▼

X  

MAX16155CECT Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX16155CECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16155CECT Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX16155CECT Datasheet HTML 12Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 13Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 14Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 15Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 16Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 17Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 18Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 19Page - Maxim Integrated Products MAX16155CECT Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Applications Information
Power Supply Bypassing
The MAX16152/MAX16153/MAX16154/MAX16155 operate from a 1.20V to 5.5V supply. Bypass VCC to ground with a
0.1μF capacitor as close to the device as possible to improve transient immunity. For fast-rising VCC transients, additional
capacitance may be required. VCC rise time >50µs ensures proper operation.
Watchdog Software Considerations
To help the watchdog timer monitor software execution more closely, set and reset the watchdog input at different points
in the program, rather than pulsing the watchdog input high-low-high or low-high-low. This technique avoids a stuck loop,
in which the watchdog timer would continue to be reset inside the loop, keeping the watchdog from timing out. Figure 6
shows an example of a flow diagram where the I/O driving the watchdog input is set high at the beginning of the program,
set low at the end of every subroutine or loop, then set high again when the program returns to the beginning. If the
program should hang in any subroutine, the problem would be quickly corrected, since the I/O is continually set low and
the watchdog timer is allowed to time out, causing WDO to pulse.
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE OR
PROGRAM LOOP
SET WDI LOW
RETURN
POSSIBLE INFINITE
LOOP PTH
Figure 6. Watchdog Flow Diagram
Negative-Going VCC Transients Protection
The
MAX16152/MAX16153/MAX16154/MAX16155
are relatively
immune
to
short-duration
negative-going
VCC transients (glitches). It is usually undesirable to reset the system when VCC experiences only small glitches. The
Typical Operating Characteristics show Maximum Transient Duration vs. Reset Threshold Overdrive, for which reset
pulses are not generated. The graph was produced using negative-going VCC pulses, starting above VTH and ending
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com