Electronic Components Datasheet Search
  English  ▼

X  

PM8380 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM8380
Description  4-Channel Multiplexer and Link Extender for SAS, SATA, Ethernet and FC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8380 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM8380 Datasheet HTML 1Page - PMC-Sierra, Inc PM8380 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 1.604.415.6000
Fax: 1.604.415.6200
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
PMC-2030351 (v3)
For a complete list of PMC-Sierra’s
trademarks, see our web site at
http://www.pmc-sierra.com/legal/.
Other product and company names
mentioned herein may be the trademarks of
their respective owners.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM8380 QuadSMX 3G
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
4-Channel Multiplexer and Link Extender for SAS, SATA, Ethernet and FC
TEST AND CONTROL
•
Two-wire Interface (TWI) for
configuration and status.
•
Pin-strappable for standalone
operation.
PHYSICAL
•
1.8 V and 3.3 V power supply.
•
0.18
µm CMOS technology.
•
1W typical power.
•
100-pin BGA.
•
11 x 11 mm package.
APPLICATIONS
•
Host Bus Adapter.
•
RAID controller.
•
Ethernet (1GE and 10 GE XAUI)
and Fibre Channel (1,2 and 10
GFC) link extender.
•
Ethernet (1GE and 10 GE XAUI)
and Fibre Channel (1,2 and 10
GFC) mux/demux.
•
PCI Express, PCI Advanced
Switching, ATCA, serial RapidIO,
Infiniband, and HDTV link extender
and mux/demux.
protect
PM8358
QuadPHY-10GX
PM8358
QuadPHY-10GX
Switch Fabric
Module
working
Protect
High-Speed
Serial Links
10 Gigabit Ethernet or 10Gigabit Fibre Channel Line Card
Upper Layer
Functions
PM8380
QuadSMX
3G
Switch
Switch
Working
XAUI
XAUI
ETHERNET OR FIBRE CHANNEL SWITCH
SERVER-CLASS SATA/SAS CONTROLLER
TYPICAL APPLICATIONS
QuadSMX 3G
Disk 0
•
Disk 0
•
Disk 0
•
Disk 0
•Disk 0
•
Disk 0
•
Disk 0
•
Disk 0
•
Internal SATA/SAS
HDDs
Control
4
4
4
4
4
4
Disk 0
•
Disk 0
•
Disk 0
•
Disk 0
•
Disk 0
•
Disk 0
•Disk 0
•
Disk 0
•
External SATA /SAS
HDDs
SATA/SAS
4-Port
HBA
TX/RX A
TX/RX B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com