Electronic Components Datasheet Search
  English  ▼

X  

SN54AS821 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AS821
Description  10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS821 Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS821 Datasheet HTML 1Page - Texas Instruments SN54AS821 Datasheet HTML 2Page - Texas Instruments SN54AS821 Datasheet HTML 3Page - Texas Instruments SN54AS821 Datasheet HTML 4Page - Texas Instruments SN54AS821 Datasheet HTML 5Page - Texas Instruments SN54AS821 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54AS821, SN54AS822, SN74AS821, SN74AS822
10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SDAS230 – D2825, DECEMBER 1983 – REVISED JANUARY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1986, Texas Instruments Incorporated
5BASIC
1
• Functionally Equivalent to AMD’s AM29821
and AM29822
• Provides Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
• Outputs Have Undershoot Protection
Circuitry
• Powerup High-impedance State
• Package Options Include Plastic Small
Outline Packages, Both Plastic and
Ceramic Chip Carriers, and Standard
Plastic and Ceramic 300-mil DIPs
• Buffered Control Inputs to Reduce DC
Loading Effects
• Dependable Texas Instruments Quality and
Reliability
description
These 10-bit flip-flops feature 3-state outputs designed specifically for driving highly-capacitive or relatively
low-impedance loads. They are particularly suitable for implementing wider buffer registers, I/O ports,
bidirectional bus drivers with parity, and working registers.
The ten flip-flops are edge-triggered D-type flip-flops. On the positive transition of the clock the Q outputs on
the ’AS821 will be true, and on the ’AS822 will be complementary to the data input.
A buffered output-control input can be used to place the ten outputs in either a normal logic state (high or low
levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide the capability to drive the bus lines in a
bus-organized system without need for interface or pullup components. The output control (OC) does not affect
the internal operation of the flip-flops. Old data can be retained or new data can be entered while the outputs
are in the high-impedance state.
The SN54AS’ family is characterized for operation over the full military temperature range of – 55
°C to 125°C.
The SN74AS’ family is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OC
1D
2D
3D
4D
5D
6D
7D
8D
9D
10D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
10Q
CLK
SN54AS822 . . . JT PACKAGE
SN74AS822 . . . DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
3Q
4Q
5Q
NC
6Q
7Q
8Q
3D
4D
5D
NC
6D
7D
8D
4
15 16 17 18
SN54AS821 . . . FK PACKAGE
SN74AS821 . . . FN PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
32 1
13 14
5
6
7
8
9
10
11
3Q
4Q
5Q
NC
6Q
7Q
8Q
3D
4D
5D
NC
6D
7D
8D
4
15 16 17 18
SN54AS822 . . . FK PACKAGE
SN74AS822 . . . FN PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC–No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OC
1D
2D
3D
4D
5D
6D
7D
8D
9D
10D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
10Q
VCC
SN54AS821 . . . JT PACKAGE
SN74AS821 . . . DW OR NT PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54AS821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS821A TI-SN54AS821A Datasheet
92Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A Datasheet
254Kb / 11P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI2-SN54AS821A Datasheet
197Kb / 9P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
REVISED AUGUST 1995
SN54AS821AFK TI-SN54AS821AFK Datasheet
92Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821AJT TI-SN54AS821AJT Datasheet
92Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AS821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI-SN54ALS29821 Datasheet
89Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI-SN54AS821A Datasheet
92Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74AC16823 TI1-74AC16823 Datasheet
187Kb / 9P
16-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11821 TI1-74ACT11821 Datasheet
124Kb / 7P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS1821 TI1-SN74AS1821 Datasheet
55Kb / 5P
10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI1-SN54ABT821_15 Datasheet
587Kb / 15P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI1-SN54ALS29821_15 Datasheet
181Kb / 10P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com