Electronic Components Datasheet Search
  English  ▼

X  

2N6344 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6344
Description  Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6344 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6344 Datasheet HTML 1Page - ON Semiconductor 2N6344 Datasheet HTML 2Page - ON Semiconductor 2N6344 Datasheet HTML 3Page - ON Semiconductor 2N6344 Datasheet HTML 4Page - ON Semiconductor 2N6344 Datasheet HTML 5Page - ON Semiconductor 2N6344 Datasheet HTML 6Page - ON Semiconductor 2N6344 Datasheet HTML 7Page - ON Semiconductor 2N6344 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6344, 2N6349
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
* Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 100°C
IDRM,
IRRM
—
—
—
—
10
2.0
µA
mA
ON CHARACTERISTICS
* Peak On–State Voltage
(ITM = "11 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle p2%)
VTM
—
1.3
1.55
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
*MT2(+), G(+); MT2(–), G(–) TC = –40°C
*MT2(+), G(–); MT2(–), G(+) TC = –40°C
IGT
—
—
—
—
—
—
12
12
20
35
—
—
50
75
50
75
100
125
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
*MT2(+), G(+); MT2(–), G(–) TC = –40°C
*MT2(+), G(–); MT2(–), G(+) TC = –40°C
VGT
—
—
—
—
—
—
0.9
0.9
1.1
1.4
—
—
2.0
2.5
2.0
2.5
2.5
3.0
Volts
Gate Non–Trigger Voltage (Continuous dc)
(VD = Rated VDRM, RL = 10 k Ohms, TJ = 100°C)
*MT2(+), G(+); MT2(–), G(–); MT2(+), G(–); MT2(–), G(–)
VGD
0.2
—
—
Volts
* Holding Current
(VD = 12 Vdc, Gate Open)
TC = 25°C
(Initiating Current =
"200 mA)
*TC = –40°C
IH
—
—
6.0
—
40
75
mA
* Turn-On Time
(VD = Rated VDRM, ITM = 11 A, IGT = 120 mA,
Rise Time = 0.1
µs, Pulse Width = 2 µs)
tgt
—
1.5
2.0
µs
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 11 A, Commutating di/dt = 4.0 A/ms,
Gate Unenergized, TC = 80°C)
dv/dt(c)
—
5.0
—
V/
µs
*Indicates JEDEC Registered Data.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com