Electronic Components Datasheet Search
  English  ▼

X  

BC-148 Datasheet(PDF) 1 Page - Analog Devices

Part # BC-148
Description  148-Lead Chip Scale Package Ball Grid Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BC-148 Datasheet(HTML) 1 Page - Analog Devices

  BC-148 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
a
148-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-148)
Dimensions shown in millimeters
*COMPLIANT TO JEDEC STANDARDS MO-195 WITH EXCEPTION
TO DIMENSIONS INDICATED BY AN ASTERISK.
B
C
D
E
F
G
H
J
K
A
SEATING
PLANE
0.15 MIN
DETAIL A
0.35
0.30
0.25
BALL DIAMETER
COPLANARITY
0.08
0.50 BSC
7.50
BSC SQ
10 9 8 7 6 5 4 3 2 1
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
*1.40 MAX
*1.11 MAX
11
12
L
M
13
14
15
16
N
P
R
T
9.10
9.00 SQ
8.90


Similar Part No. - BC-148

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BC-14210 BUD-BC-14210 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
BC-14215 BUD-BC-14215 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
More results

Similar Description - BC-148

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
logo
fujitsu semiconductor
BGA-320P-M06 FUJITSU-BGA-320P-M06 Datasheet
34Kb / 1P
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
logo
Xilinx, Inc
CS280 XILINX-CS280 Datasheet
47Kb / 1P
Ball Chip Scale Package
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com