Electronic Components Datasheet Search
  English  ▼

X  

MAX541 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX541
Description  MAX54X Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX541 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX541 Datasheet HTML 1Page - Maxim Integrated Products MAX541 Datasheet HTML 2Page - Maxim Integrated Products MAX541 Datasheet HTML 3Page - Maxim Integrated Products MAX541 Datasheet HTML 4Page - Maxim Integrated Products MAX541 Datasheet HTML 5Page - Maxim Integrated Products MAX541 Datasheet HTML 6Page - Maxim Integrated Products MAX541 Datasheet HTML 7Page - Maxim Integrated Products MAX541 Datasheet HTML 8Page - Maxim Integrated Products MAX541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
_________________________________________________________________ Maxim Integrated Products 4
MAX54X Evaluation Kit
Evaluates: MAX541/MAX542
The EV kit comes with the MAX541AESA+ and
MAX542AESD+ installed; however, it can also be used
to evaluate other parts in the same family. Contact the
factory for free samples of the pin-compatible devices
shown Table 1.
Caution: Refer to the MAX44251/MAX44252 and the
MAX9632 IC data sheets for detailed specifications.
Pay special attention when using the USB power supply
to power the devices. When the DAC output is beyond
the op amp’s guaranteed input common-mode voltage
range, use external power supplies instead. For better
performance, use the ±15V power supply to power the
MAX9632 op amp.
Bipolar Output Mode (MAX542 Only)
To allow the MAX542 to operate in bipolar mode, connect
a +5V supply to the OP2+ connector, connect a -5V sup-
ply to the OP2- connector, install a shunt across pins 1-2
on jumper JU14, and across pins 2-3 on jumpers JU11,
JU12, and JU13.
Figure 1. MAX54X Evaluation Kit Software (Main Window)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com