Electronic Components Datasheet Search
  English  ▼

X  

APHBM2012LCGKSYKC Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APHBM2012LCGKSYKC
Description  2.0 x 1.25 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APHBM2012LCGKSYKC Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APHBM2012LCGKSYKC Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LCGKSYKC Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LCGKSYKC Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APHBM2012LCGKSYKC Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO4525 / 1203015149 Rev No: V.2B Date: 07/31/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APHBM2012LCGKSYKC
Parameter
Symbol
Emitting Color
Value
Unit
Min.
Typ.
Max.
Wavelength at Peak Emission IF = 2mA
λpeak
Green
Super Bright Yellow
-
574
590
-
nm
Dominant Wavelength IF = 2mA
λdom
[1]
Green
Super Bright Yellow
-
570
590
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 2mA
Δλ
Green
Super Bright Yellow
-
20
20
-
nm
Capacitance
C
Green
Super Bright Yellow
-
15
20
-
pF
Forward Voltage IF = 2mA
VF
[2]
Green
Super Bright Yellow
1.5
1.5
1.9
1.85
2.1
2.1
V
Reverse Current (VR = 5V)
IR
Green
Super Bright Yellow
-
-
10
10
uA
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Parameter
Symbol
Value
Unit
Green
Super Bright Yellow
Power Dissipation
PD
75
75
mW
Reverse Voltage
VR
5
5
V
Junction Temperature
Tj
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
30
mA
Peak Forward Current
IFM
[1]
150
175
mA
Electrostatic Discharge Threshold (HBM)
-
3000
3000
V
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com