Electronic Components Datasheet Search
  English  ▼

X  

MAX2181A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2181A
Description  FM Automotive Low-Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2181A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2181A Datasheet HTML 1Page - Maxim Integrated Products MAX2181A Datasheet HTML 2Page - Maxim Integrated Products MAX2181A Datasheet HTML 3Page - Maxim Integrated Products MAX2181A Datasheet HTML 4Page - Maxim Integrated Products MAX2181A Datasheet HTML 5Page - Maxim Integrated Products MAX2181A Datasheet HTML 6Page - Maxim Integrated Products MAX2181A Datasheet HTML 7Page - Maxim Integrated Products MAX2181A Datasheet HTML 8Page - Maxim Integrated Products MAX2181A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MAX2181A
FM Automotive Low-Noise Amplifier
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics
(MAX2181A Typical Application Circuit, VDD = 5V, tuned for 87MHz - 108MHz, FM gain connected to ground, TA = +25°C, unless other-
wise noted.)
SUPPLY CURRENT
vs. TEMPERATURE
52
53
54
55
56
57
51
TEMPERATURE (ºC)
100
75
50
25
0
-25
-50
125
VDD = 5.25V
VDD = 5.0V
VDD = 4.75V
NOISE FIGURE vs. FREQUENCY
87MHz TO 108MHz TUNING
FREQUENCY (MHz)
150
100
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
2.0
50
200
VFMGAIN = 0V
FMGAIN = HI-Z
VFMGAIN = 5V
NOISE FIGURE vs. FREQUENCY
76MHz TO 90MHz TUNING
FREQUENCY (MHz)
150
100
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
2.0
50
200
VFMGAIN = 0V
FMGAIN = HI-Z
VFMGAIN = 5V
AGC ATTACK POINT vs. FREQUENCY
87MHz TO 108MHz TUNING
FREQUENCY (MHz)
100
105
95
90
92
94
96
98
100
102
104
106
108
110
90
85
110
R = 71kΩ
R = 62kΩ
R = 51kΩ
R = 43kΩ
R = 33kΩ
R = 22kΩ
R = 13kΩ
R = 0Ω
OUTPUT POWER, IM2, AND IM3
vs. INPUT POWER CLOSED LOOP
20
40
60
80
100
120
0
INPUT POWER (dBµV)
115
105
95
85
75
125
OUTPUT POWER
INPUT TONES AT
99MHz AND 100MHz
IM3
IM2 (A-B)
GAIN vs. FREQUENCY
76MHz TO 90MHz TUNING
FREQUENCY (MHz)
150
100
3
4
5
6
7
8
2
50
200
T = +25°C
T = +105°C
= -40°C
T
T = +85°C
GAIN vs. FREQUENCY
76MHz TO 90MHz TUNING
FREQUENCY (MHz)
150
100
3
4
5
6
7
8
9
10
2
50
200
VFMGAIN = 5V
VFMGAIN = 0V
FMGAIN = HI-Z
GAIN vs. FREQUENCY
87MHz TO 108MHz TUNING
3
4
5
6
7
8
2
FREQUENCY (MHz)
150
100
50
200
T = +85°C
T = +25°C
T = -40°C
T = +105°C
GAIN vs. FREQUENCY
87MHz TO 108MHz TUNING
FREQUENCY (MHz)
150
100
3
4
5
6
7
8
9
10
2
50
200
VFMGAIN = 5V
VFMGAIN = 0V
FMGAIN = HI-Z



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com