Electronic Components Datasheet Search
  English  ▼

X  

GD5F1GQ4RFFJS Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4RFFJS
Description  SPI(x1/x2/x4) NAND Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4RFFJS Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4RFFJS Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFJS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
SPI(x1/x2/x4) NAND Flash
1G
41
14.2 Block Protection
The block lock feature provides the ability to protect the entire device, or ranges of blocks, from the PROGRAM and ERASE
operations. After power-up, the device is in the
“locked” state, i.e., feature bits BP0, BP1and BP2are set to 1, INV, CMP
and BRWD are set to 0. To unlock all the blocks, or a range of blocks, the SET FEATURES command must be issued to
alter the state of protection feature bits. When BRWD is set and WP# is LOW, none of the writable protection feature bits
can be set. Also, when a PROGRAM/ERASE command is issued to a locked block, status bit OIP remains 0.When an
ERASE command is issued to a locked block, the erase failure, 04H, is returned. When a PROGRAM command is issued
to a locked block, program failure,08h is returned.
Table14-1. Block Lock Register Block Protect Bits
CMP
INV
BP2
BP1
BP0
Protect Row Address
Protect Rows
1G
x
x
0
0
0
NONE
None
—all unlocked
0
0
0
0
1
FC00h ~ FFFFh
Upper 1/64 locked
0
0
0
1
0
F800h ~ FFFFh
Upper 1/32 locked
0
0
0
1
1
F000h ~ FFFFh
Upper 1/16 locked
0
0
1
0
0
E000h ~ FFFFh
Upper 1/8 locked
0
0
1
0
1
C000h ~ FFFFh
Upper 1/4 locked
0
0
1
1
0
8000h ~ FFFFh
Upper 1/2 locked
x
x
1
1
1
0000h ~ FFFFh
All locked (default)
0
1
0
0
1
0000h ~ 03FFh
Lower 1/64 locked
0
1
0
1
0
0000h ~ 07FFh
Lower 1/32 locked
0
1
0
1
1
0000h ~ 0FFFh
Lower 1/16 locked
0
1
1
0
0
0000h ~ 1FFFh
Lower 1/8 locked
0
1
1
0
1
0000h ~ 3FFFh
Lower 1/4 locked
0
1
1
1
0
0000h ~ 7FFFh
Lower 1/2 locked
1
0
0
0
1
0000h ~ FBFFh
Lower 63/64 locked
1
0
0
1
0
0000h ~ F7FFh
Lower31/32 locked
1
0
0
1
1
0000h ~ EFFFh
Lower 15/16 locked
1
0
1
0
0
0000h ~ DFFFh
Lower7/8 locked
1
0
1
0
1
0000h ~ BFFFh
Lower3/4 locked
1
0
1
1
0
0000h ~ 003Fh
Block0
1
1
0
0
1
0400h ~ FFFFh
Upper 63/64 locked
1
1
0
1
0
0800h ~ FFFFh
Upper31/32 locked
1
1
0
1
1
1000h ~ FFFFh
Upper 15/16 locked
1
1
1
0
0
2000h ~ FFFFh
Upper7/8 locked
1
1
1
0
1
4000h ~ FFFFh
Upper3/4 locked
1
1
1
1
0
0000h ~ 003Fh
Block0
When WP# is not LOW, user can issue bellows commands to alter the protection states as want.
• Issue SET FEATURES register write (1FH)
• Issue the feature bit address (A0h) and the feature bits combination as the table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com