Electronic Components Datasheet Search
  English  ▼

X  

GD5F1GQ4RFFFS Datasheet(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4RFFFS
Description  SPI(x1/x2/x4) NAND Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4RFFFS Datasheet(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4RFFFS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
SPI(x1/x2/x4) NAND Flash
1G
13
6
COMMANDS DESCRIPTION
Table6-1. Commands Set
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte N
Write Enable
06H
Write Disable
04H
Get Features
0FH
A7-A0
(D7-D0)
Wrap(9)
Set Feature
1FH
A7-A0
(D7-D0)
dummy(1)
Read UID
EDH
00H
Read parameter page
13H
A23-A16
A15-A8
A7-A0
Page Read (to cache)
13H
A23-A16
A15-A8
A7-A0
Read From Cache
03H
dummy(2)
A15-A8
A7-A 0(8)
(D7-D0)
Fast Read From Cache
0BH
dummy(2)
A15-A8
A7-A0
dummy(2)
(D7-D0)
Read From Cache x 2
3BH
dummy(2)
A15-A8
A7-A0
dummy(2)
(D7-D0)x2
Read From Cache x 4
6BH
dummy(2)
A15-A8
A7-A0
dummy(2)
(D7-D0)x4
Read From Cache Dual IO
BBH
A15-A0
dummy(3)
(D7-D0)x2
Read From Cache Quad IO
EBH
A15-A0(4)
(D7-D0)x4
Read ID(5)
9FH
MID
DID
DID
Program Load
02H
A15-A8
A7-A0
(D7-D0)
Next byte
Byte N
Program Load x4
32H
A15-A8
A7-A0
(D7-D0)x4
Next byte
Byte N
Program Execute
10H
A23-A16
A15-A8
A7-A0
Program Load Random Data
84H(7)
A15-A8
A7-A0
(D7-D0)
Next byte
Byte N
Program Load Random Data x4
C4H/34H(7)
A15-A8
A7-A0
(D7-D0)x4
Next byte
Byte N
Block Erase(128K)
D8H
A23-A16
A15-A8
A7-A0
Reset(6)
FFH
Notes:
1.
The dummy byte can be inputted or not.
2.
The x8 clock = dummy<7:0>.
3.
The x8 clock = dummy<7:0>, D7-D0.
4.
The x8 clock = A15-A0, dummy<7:0>, D7-D0.
5.
MID is Manufacture ID (C8h for GigaDevice), DID is Device ID.
6.
Reset command:
• During busy, Reset will reset PAGE READ/PROGRAM/ERASE operation.
• During idle, Reset will reset status register bits P_FAIL/E_FAIL/ECCS bits.
7.
Those commands are only available in Internal Data Move operation.
8.
A0 need be 0 for the 03H command.
9.
The output would be updated by real-time, until CS# is driven high.
10. Read UID/parameter page all are same as page read to cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com