Electronic Components Datasheet Search
  English  ▼

X  

GD5F1GQ4RFZJS Datasheet(PDF) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4RFZJS
Description  SPI(x1/x2/x4) NAND Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4RFZJS Datasheet(HTML) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4RFZJS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFZJS Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
SPI(x1/x2/x4) NAND Flash
1G
23
10 Read ID
10.1 Read ID (9FH)
The READ ID command is used to identify the NAND Flash device.
• The READ ID command outputs the Manufacturer ID and the device ID. See Table10-1 for details.
Figure10-1. Read ID Sequence Diagram
Command
0
1
2
3
4
5
6
7
9FH
CS#
SCLK
SI
SO
High-Z
8
9 10 11
MSB
18 19 20 21
17
6
5
4
3
2
1
0
22 23
16
7
Device ID(byte1)
CS#
SCLK
SI
SO
MSB
6
5
4
3
2
1
0
7
12 13 14 15
Manufacturer ID
26 27 28 29
25
30 31
24
6
5
4
3
2
1
0
7
Device ID(byte2)
Table10-1. READ ID Table
ID
Description
Part No
Value
Page Size
Manufacture ID (GigaDevice)
SPI NAND 3.3V
GD5F1GQ4UFxxS
C8h
2Kbyte +
128Byte
SPI NAND 1.8V
GD5F1GQ4RFxxS
Device ID
(Byte 1)
SPI NAND 1Gbit 3.3V
GD5F1GQ4UFxxS
B3h
SPI NAND 1Gbit 1.8V
GD5F1GQ4RFxxS
A3h
Device ID
(Byte 2)
SPI NAND 1Gbit 3.3V
GD5F1GQ4UFxxS
48h
SPI NAND 1Gbit 1.8V
GD5F1GQ4RFxxS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com