Electronic Components Datasheet Search
  English  ▼

X  

GD5F2GQ4RE9JS Datasheet(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4RE9JS
Description  SPI(x1/x2/x4) NAND Flash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RE9JS Datasheet(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD5F2GQ4RE9JS Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RE9JS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
5
2
GENERAL DESCRIPTION
SPI (Serial Peripheral Interface) NAND Flash provides an ultra cost-effective while high density non-volatile memory
storage solution for embedded systems, based on an industry-standard NAND Flash memory core. It is an attractive
alternative to SPI-NOR and standard parallel NAND Flash, with advanced features:
• Total pin count is 8, including VCC and GND
• Density is 2G bit
• Superior write performance and cost per bit over SPI-NOR
• Significant low cost than parallel NAND
This low-pin-count NAND Flash memory follows the industry-standard serial peripheral interface, and always remains the
same pin-out from one density to another. The command sets resemble common SPI-NOR command sets, modified to
handle NAND specific functions and added new features. GigaDevice SPI NAND is an easy-to-integrate NAND Flash
memory, with specified designed features to ease host management:
• User-selectable internal ECC. ECC code is generated internally during a page program operation. When a page
is read to the cache register, the ECC code is detect and correct the errors when necessary. The 64-bytes spare
area is available even when internal ECC enabled. The device outputs corrected data and returns an ECC error
status.
• Internal data move or copy back with internal ECC. The device can be easily refreshed and manage garbage
collection task, without need of shift in and out of data.
• Power on Read with internal ECC. It is programmed and read in page-based operations, and erased in
block-based operations. Data is transferred to or from the NAND Flash memory array, page by page, to a data
register and a cache register. The cache register is closest to I/O control circuits and acts as a data buffer for the I/O
data; the data register is closest to the memory array and acts as a data buffer for the NAND Flash memory array
operation. The cache register functions as the buffer memory to enable page and random data READ/WRITE and
copy back operations. These devices also use a SPI status register that reports the status of device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com