Electronic Components Datasheet Search
  English  ▼

X  

GD5F2GQ4RF9FS Datasheet(PDF) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4RF9FS
Description  SPI(x1/x2/x4) NAND Flash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RF9FS Datasheet(HTML) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4RF9FS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RF9FS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
42
14.3 Status Register and Driver Register
The NAND Flash device has a 16-bit status register that software can read during the device operation for operation state
query. The status register can be read by issuing the GET FEATURES (0FH)command, followed by the feature address
C0h (see FEATURE OPERATION). The Output Driver Register can be set and read by issuing the SET FEATURE (0FH)
and GET FEATURE command followed by the feature address D0h (see FEATURE OPERATION)..
Table14-2. Status Register Bit Descriptions
Bit
Bit Name
Description
P_FAIL
Program
Fail
This bit indicates that a program failure has occurred (P_FAIL set to 1). It will also be
set if the user attempts to program an invalid address or a protected region, including
the OTP area. This bit is cleared during the PROGRAM EXECUTE command
sequence or a RESET command (P_FAIL = 0).
E_FAIL
Erase Fail
This bit indicates that an erase failure has occurred (E_FAIL set to 1). It will also be
set if the user attempts to erase a locked region. This bit is cleared (E_FAIL = 0) at
the start of the BLOCK ERASE command sequence or the RESET command.
WEL
Write
Enable
Latch
This bit indicates the current status of the write enable latch (WEL) and must be set
(WEL = 1), prior to issuing a PROGRAM EXECUTE or BLOCK ERASE command. It
is set by issuing the WRITE ENABLE command. WEL can also be disabled (WEL =
0), by issuing the WRITE DISABLE command.
OIP
Operation
In Progress
This bit is set (OIP = 1 ) when a PROGRAM EXECUTE, PAGE READ, BLOCK
ERASE, or RESET command is executing, indicating the device is busy. When the bit
is 0, the interface is in the ready state.
ECCS2~ECCS0
ECC Status
ECCS2~ECCS0 provides ECC status as the following table.
Table14-3. ECC Status
ECCS2
ECCS1
ECCS0
Description
0
0
0
No bit errors were detected during the previous read algorithm.
0
0
1
Bit errors(<3) were detected and corrected.
0
1
0
Bit errors(=4) were detected and corrected.
0
1
1
Bit errors(=5) were detected and corrected.
1
0
0
Bit errors(=6) were detected and corrected.
1
0
1
Bit errors(=7) were detected and corrected.
1
1
0
Bit errors(=8) were detected and corrected.
1
1
1
Bit errors>8, error exceeded. And cannot be corrected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com