Electronic Components Datasheet Search
  English  ▼

X  

GD25D05CSFG Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D05CSFG
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D05CSFG Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D05CSFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25D05CSFG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D10C/05C
41
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Released
All
2017-12-12
1.1
Modify tVSL from 5ms to 0.5ms
Add “F”, “3”, “2”, and “A” to the 7th code of the Ordering Information
P23
P28
2018-4-16
1.2
Modify tBP1 from 25~50us to 30~50us
Modify tBP2 from 2.5~5us to 2.5~12us
P26
P26
2018-4-23
1.3
Modify tVSL min value from 0.5ms to 0.3ms
Add package of USON8 1.5*1.5mm
P23
P28, 29, 34
2018-5-30
1.4
Add 4BH command
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Modify Ordering Information
Modify Package USON8 1.5*1.5mm Dimensions
P12
P26/29
P27/30
P32
P39
2018-7-17
1.5
Modify Icc3 typ. value @100MHz from 13mA to 3mA
Modify Icc3 typ. value @80MHz from 12mA to 2.5mA
Modify Icc3 max. value @100MHz @-40℃-85℃ from 18mA to 6mA
Modify Icc3 max. value @80MHz @-40℃-85℃ from 15mA to 4.5mA
Modi
fy “L” (min) of USON8 1.5x1.5 package from 0.125mm to 0.15mm
P25, 26, 27
P25, 26, 27
P25
P25
P39
2018-4-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com