Electronic Components Datasheet Search
  English  ▼

X  

MCP1701 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1701 Datasheet HTML 1Page - Microchip Technology MCP1701 Datasheet HTML 2Page - Microchip Technology MCP1701 Datasheet HTML 3Page - Microchip Technology MCP1701 Datasheet HTML 4Page - Microchip Technology MCP1701 Datasheet HTML 5Page - Microchip Technology MCP1701 Datasheet HTML 6Page - Microchip Technology MCP1701 Datasheet HTML 7Page - Microchip Technology MCP1701 Datasheet HTML 8Page - Microchip Technology MCP1701 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2004 Microchip Technology Inc.
DS21874A-page 5
MCP1701
2.0
TYPICAL PERFORMANCE CURVES
Notes: Unless otherwise specified, VOUT = 1.8V, 3.0V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-1:
Supply Current vs. Input
Voltage (VR = 1.8V).
FIGURE 2-2:
Supply Current vs. Input
Voltage (VR = 3.0V).
FIGURE 2-3:
Supply Current vs. Input
Voltage (VR = 5.0V).
FIGURE 2-4:
Supply Current vs. Load
Current (VR = 3.0V).
FIGURE 2-5:
Supply Current vs. Load
Current (VR = 5.0V).
FIGURE 2-6:
Supply Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
23
456789
10
Input Voltage (V)
VR = 1.8V
-40°C
0°C
+25°C
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
34
56
7
8
9
10
Input Voltage (V)
-40°C
+85°C
+25°C
VR = 3.0V
1.50
1.65
1.80
1.95
2.10
2.25
2.40
2.55
2.70
2.85
3.00
56
78
9
10
Input Voltage (V)
-40°C
+85°C
+25°C
VR = 5.0V
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
0
20406080
100
120
140
160
Load Current (mA)
VIN = 4.0V
VR = 3.0V
+25°C
0°C
+85°C
-40°C
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
0
20
40
60
80
100 120 140 160 180 200
Load Current (mA)
-40°C
+25°C
+85°C
0°C
VIN = 6.0V
VR = 5.0V
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-40
-20
0
20
406080
100
Temperature (°C)
VR = 5.0V
VR = 1.8V
VR = 3.0V
VIN = VR + 1V
IOUT = 0 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com