Electronic Components Datasheet Search
  English  ▼

X  

GD25LE20C Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20C Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
56
(T= -40℃~105℃, VCC=1.65~2.1V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: 0BH, 3BH, BBH, 6BH,
EBH
90
MHz
fR
Serial Clock Frequency For: Read (03H)
80
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (Read/Write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
Hold# Low Setup Time (Relative to Clock)
5
ns
tHHCH
Hold# High Setup Time (Relative to Clock)
5
ns
tCHHL
Hold# High Hold Time (Relative to Clock)
5
ns
tCHHH
Hold# Low Hold Time (Relative to Clock)
5
ns
tHLQZ
Hold# Low To High-Z Output
6
ns
tHHQX
Hold# Low To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
3
μs
tRES1
CS# High To Standby Mode Without Electronic
Signature Read
4
μs
tRES2
CS# High To Standby Mode With Electronic Signature
Read
2.4
μs
tSUS
CS# High To Next Command After Suspend
20
μs
tRS
Latency Between Resume And Next Suspend
100
μs
tRST
CS# High To Next Command After Reset (Except
from Erase)
30
μs
tRST_E
CS# High To Next Command After Reset (From
Erase)
12
ms
tW
Write Status Register Cycle Time
1
25
ms
tBP1
Byte Program Time (First Byte)
25
80
μs
tBP2
Addition Byte Program Time (After First Byte)
2.5
8
μs
tPP
Page Programming Time
0.7
3
ms
tSE
Sector Erase Time
40
400
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com