Electronic Components Datasheet Search
  English  ▼

X  

GD25LH05C Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH05C Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH05C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH05C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LH40C/20C/10C/05C
63
10.6 Package USON8 (3*2mm, 0.55mm thickness)
D
E
Top View
or
Side View
L
E1
D1
L1
b
Bottom View
c
A
Note(4)
Note(4)
e
1
4
8
5
PIN 1#
or
Dimensions
Symbol
A
A1
c
b
D
D1
E
E1
e
L
L1
Unit
mm
Min
0.50
0.00
0.10
0.20
2.90
0.15
1.90
1.55
0.50
0.30
0.10
Nom
0.55
0.02
0.15
0.25
3.00
0.20
2.00
1.60
0.35
Max
0.60
0.05
0.20
0.30
3.10
0.25
2.10
1.65
0.40
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package lead frames. These lead
shapes are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com