Electronic Components Datasheet Search
  English  ▼

X  

GD25LH80C Datasheet(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH80C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH80C Datasheet(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH80C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25LH80C
52
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LH80CTIG
8Mbit
SOP8 150mil
GD25LH80CSIG
8Mbit
SOP8 208mil
GD25LH80CMIG
8Mbit
VSOP8 150mil
GD25LH80CVIG
8Mbit
VSOP8 208mil
GD25LH80CUIG
8Mbit
USON8 (3x2mm, 0.55mm thickness)
GD25LH80CEIG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LH80CNIG
8Mbit
USON8 (3x4mm)
GD25LH80CQIG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LH80CWIG
8Mbit
WSON8 (6x5mm)
GD25LH80CLIGR
8Mbit
WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com