Electronic Components Datasheet Search
  English  ▼

X  

GD25LE80CSEG Datasheet(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE80CSEG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE80CSEG Datasheet(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE80CSEG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE80CSEG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE80C
57
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LE80CTIG
8Mbit
SOP8 150mil
GD25LE80CSIG
8Mbit
SOP8 208mil
GD25LE80CMIG
8Mbit
VSOP8 150mil
GD25LE80CVIG
8Mbit
VSOP8 208mil
GD25LE80CEIG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LE80CNIG
8Mbit
USON8 (3x4mm)
GD25LE80CQIG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE80CWIG
8Mbit
WSON8 (6x5mm)
GD25LE80CLIGR
8Mbit
WLCSP
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LE80CTJG
8Mbit
SOP8 150mil
GD25LE80CSJG
8Mbit
SOP8 208mil
GD25LE80CMJG
8Mbit
VSOP8 150mil
GD25LE80CVJG
8Mbit
VSOP8 208mil
GD25LE80CEJG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LE80CNJG
8Mbit
USON8 (3x4mm)
GD25LE80CQJG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE80CWJG
8Mbit
WSON8 (6x5mm)
GD25LE80CLJGR
8Mbit
WLCSP
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LE80CTEG
8Mbit
SOP8 150mil
GD25LE80CSEG
8Mbit
SOP8 208mil
GD25LE80CMEG
8Mbit
VSOP8 150mil
GD25LE80CVEG
8Mbit
VSOP8 208mil
GD25LE80CEEG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LE80CNEG
8Mbit
USON8 (3x4mm)
GD25LE80CQEG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE80CWEG
8Mbit
WSON8 (6x5mm)
GD25LE80CLEGR
8Mbit
WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com