Electronic Components Datasheet Search
  English  ▼

X  

GD25LQ32DVJS Datasheet(PDF) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ32DVJS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ32DVJS Datasheet(HTML) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ32DVJS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ32DVJS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ32D
70
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-6-16
1.1
Modify Deep Power-Down Current
P60
2016-6-22
1.2
Modify Features: Add Allows XIP(execute in place) operation
Modify Ordering information: Add Valid Part Numbers
Modify Write Enable for Volatile Status Register(50H) Description
Modify Read Data Bytes(READ)(03H) Description
Modify Data Bytes at Higher Speed(Fast Read)(0BH) Description
Modify Dual Output Fast Read(3BH) Description
Modify Quad Output Fast Read(6BH) Description
Modify Dual I/O Fast Read(BBH) Description
Modify Quad I/O Fast Read(EBH) Description
Modify Quad I/O Word Fast Read(E7H) Description
Modify Set Burst with Wrap(77H) Description
Modify Chip Erase(CE)(60/C7H) Description
Modify Deep Power-Down(DP)(B9H) Description
Modify Read Identification(RDID)(9FH) Description
Modify Program/Erase Suspend(PES)(75H) Description
Modify Erase Security Registers(44H) Description
Modify Program Security Registers(42H) Description
Modify Storage Temperature: -55 to125
℃ Change to -65 to 150℃
Add
Transient
Input/Output
Volatge
(note:overshoot):-2.0
to
(VCC+2.0)V
VCC:-0.6 to (VCC+0.4)V Change to -0.6 to 2.5V
Update Ordering information
Update Package WSON8 6*5mm
Update Package USON8 3*4mm
P4
P4
P19
P22
P23
P24
P25
P25
P27
P29
P30
P36
P37
P43
P44
P46
P47
P58
P58
P58
P63
P68
P69
2017-3-26
1.3
Modify VIL max. value form 0.3VCC to 0.2VCC
Delete SFDP related contents
P54
All
2017-5-12
1.4
Modify the description of Program/Erase Resume (7AH) command
P44
2017-6-15
1.5
Add Industrial+ (F), Automotive Grade2 (2) and Grade3 (3) in the
ordering information
Modify tw max. value from 30ms to 35ms
Delete tRST_R and tRST_P
Add tRST, max. = 30us
Modify Input Pause Voltage
from “0.3VCC to 0.7VCC” to “0.2VCC to
0.7VCC”.
Modify Input Timing Reference Voltage
from “0.2VCC to 0.8VCC” to
“0.1VCC to 0.8VCC”.
P57
P55
P55
P55
P53
P53
2017-9-12
1.6
Modify Icc2 max value from 5uA to 8uA
Update the description of all packages
P54
P59-63
2017-12-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com