Electronic Components Datasheet Search
  English  ▼

X  

65T5/65 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 65T5/65
Description  65 watt; T5 Compact Fluorescent; 6500K; 82 CRI; Mogul base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

65T5/65 Datasheet(HTML) 1 Page - Satco Products, Inc.

  65T5/65 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7379
65T5/65
65 watt; T5 Compact Fluorescent; 6500K; 82 CRI; Mogul base;
120 volts
Features
Non-Ballasted Mogul based lamp
Long life - 10,000 hours
Security Lighting
S7379
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7379
045923073793
120
65
250W
T5
Mogul
E39
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
65T5/65
8.54''
3.53''
3900
10000
6500
Daylight
48/12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
4.8 mg
Yes
Yes
2 Year Limited


Similar Part No. - 65T5/65

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
65T5/27 SATCO-65T5/27 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Mogul base; 120 volts
65T5/27 SATCO-65T5/27 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Medium base; 120 volts
65T5/41 SATCO-65T5/41 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
65T5/41 SATCO-65T5/41 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
65T5/50 SATCO-65T5/50 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Medium base; 120 volts
More results

Similar Description - 65T5/65

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S7387 SATCO-S7387 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Mogul base; 120 volts
S7388 SATCO-S7388 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7389 SATCO-S7389 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Mogul base; 120 volts
S7392 SATCO-S7392 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7394 SATCO-S7394 Datasheet
125Kb / 1P
105 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Mogul base; 120 volts
S7395 SATCO-S7395 Datasheet
124Kb / 1P
105 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7440 SATCO-S7440 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Medium base; 120 volts
S7441 SATCO-S7441 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Mogul base; 120 volts
S7442 SATCO-S7442 Datasheet
125Kb / 1P
105 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Medium base; 120 volts
S7443 SATCO-S7443 Datasheet
125Kb / 1P
105 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Mogul base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com