Electronic Components Datasheet Search
  English  ▼

X  

65T5/41 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 65T5/41
Description  65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

65T5/41 Datasheet(HTML) 1 Page - Satco Products, Inc.

  65T5/41 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7385
65T5/41
65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium
base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7385
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S7385
045923073854
120
65
300W
T5
Medium
E26
Lamp Code
MOL In Inches
MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
65T5/41
9.45''
3.53''
4300
10000
4100
Cool White
48/12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
85
Lawful for sale in
California
4.8 mg
Yes
Yes
2 Year Limited


Similar Part No. - 65T5/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
65T5/41 SATCO-65T5/41 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
More results

Similar Description - 65T5/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S7376 SATCO-S7376 Datasheet
125Kb / 1P
105 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
S7384 SATCO-S7384 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Medium base; 120 volts
S7386 SATCO-S7386 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Medium base; 120 volts
S7388 SATCO-S7388 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7392 SATCO-S7392 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7395 SATCO-S7395 Datasheet
124Kb / 1P
105 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7397 SATCO-S7397 Datasheet
126Kb / 1P
85 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Medium base; 120 volts
S7398 SATCO-S7398 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
S7399 SATCO-S7399 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Medium base; 120 volts
S7440 SATCO-S7440 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com