Electronic Components Datasheet Search
  English  ▼

X  

85T5/50 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 85T5/50
Description  85 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

85T5/50 Datasheet(HTML) 1 Page - Satco Products, Inc.

  85T5/50 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7399
85T5/50
85 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Medium
base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7399
Item Number
Product Line
UPC
Voltage
Watts
Incandescent Equivalent Lamp Shape
Base
S7399
Hi-Pro
045923073991
120
85
350W
T5
Medium
ANSI
Base
Lamp Code
Dimmable/Non-Dimmable
MOL In
Inches
MOD In
Inches
Initial Lumens
Average Rated
Hours
Kelvin
Temp
E26
85T5/50
Non-Dimmable
9.96''
4.31''
5700
10000
5000
Color
Pack
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL
Listed
Natural Light
12/6
Box
85
Lawful for sale in
California
4.8 mg
Yes
Yes
Warranty
2 Year Limited


Similar Part No. - 85T5/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
85T5/27 SATCO-85T5/27 Datasheet
126Kb / 1P
85 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Medium base; 120 volts
85T5/41 SATCO-85T5/41 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
85T5/41 SATCO-85T5/41 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
85T5/65 SATCO-85T5/65 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Mogul base; 120 volts
85T5/65 SATCO-85T5/65 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Medium base; 120 volts
More results

Similar Description - 85T5/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S7377 SATCO-S7377 Datasheet
124Kb / 1P
105 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Medium base; 120 volts
S7384 SATCO-S7384 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Medium base; 120 volts
S7385 SATCO-S7385 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
S7386 SATCO-S7386 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Medium base; 120 volts
S7389 SATCO-S7389 Datasheet
125Kb / 1P
65 watt; T5 Compact Fluorescent; 5000K; 85 CRI; Mogul base; 120 volts
S7392 SATCO-S7392 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7397 SATCO-S7397 Datasheet
126Kb / 1P
85 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Medium base; 120 volts
S7398 SATCO-S7398 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
S7440 SATCO-S7440 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Medium base; 120 volts
S7441 SATCO-S7441 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Mogul base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com