Electronic Components Datasheet Search
  English  ▼

X  

DRF1272F Datasheet(PDF) 1 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1272F
Description  20dBm LoRa Long Range RF Front-end Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1272F Datasheet(HTML) 1 Page - Dorji Industrial Group Co.,Ltd

  DRF1272F Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF1272F Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF1272F Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF1272F Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF1272F Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1272F Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DRF1272F
Revision 1.01
Page
of 6
Aug. 2015
1
DRF1272F
20dBm LoRa Long Range RF Front-end Module
V1.01
Features:
Applications
Frequency Range: 868MHz
Modulation: FSK/GFSK/MSK/LoRa
SPI Data Interface
Sensitivity: -137dBm
Output Power: +20dBm
Data Rate: <300 kbps
127dB dynamic Range RSSI
Excellent blocking immunity
Preamble detection
Automatic RF sense and CAD monitor
Built-in bit synchronizer for clock recovery
Packet engine up to 256 bytes with CRC
Working Temperature: -40°C ~+80°C
Build-in temperature sensor
Standby current: ≤ 1uA
Supply voltage: 1.8~3.6V
Remote Control
Smart metering
Home Automation
Personal data logger
Wireless sensor network
Remote keyless entry
Wireless PC peripherals
DESCRIPTION
DRF1272F is a type of low cost RF front-end transceiver module based on SX1272 from Semtech
Corporation. It keeps the advantages of RFIC SX1272 but simplifies the circuit design. The high
sensitivity (-137dBm) in LoRa modulation and 20dBm high power output make the module
suitable for low range and low data rate applications.
DRF1272F module consists of RFIC SX1272, thin SMD crystal and antenna matching circuit. The
antenna port is well matched to standard 50 Ohm impedance. Users don’t need to spend time in
RF circuit design and choose suitable antennas for different applications. DRF1272F operates at
1.8~3.6V with extra low standby current which makes it suitable for battery powered-up
applications. Because DRF1272F is purely hardware module and it adopts ±10ppm crystal which
the resolution of it places a important role in calculating spreading factor, bandwidth, etc. Users
need to read the datasheet of SX1272 carefully in order to use the module in the best performance.


Similar Part No. - DRF1272F

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
LORA Long Range SX1278 Data Radio Modem
DRF1276G DORJI-DRF1276G Datasheet
592Kb / 12P
20dBm LoRa Long Range RF Front-end Module
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
LoRa RS232/RS485 Interface Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
500mW Long Range Lora Data Radio Modem
More results

Similar Description - DRF1272F

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4083 EMMICRO-EM4083 Datasheet
83Kb / 1P
3D Active Long Range Front-End
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
Dorji Industrial Group ...
DRF1262G DORJI-DRF1262G Datasheet
314Kb / 6P
22dBm LoRa Long Range RF Front-end Module
DRF1268T DORJI-DRF1268T Datasheet
354Kb / 6P
22dBm LoRa Long Range RF Front-end Module
DRF1276G DORJI-DRF1276G Datasheet
592Kb / 12P
20dBm LoRa Long Range RF Front-end Module
DRF1278F DORJI-DRF1278F Datasheet
344Kb / 6P
20dBm LoRa Long Range RF Front-end Module
DRF4432D20 DORJI-DRF4432D20 Datasheet
402Kb / 9P
20dBm ISM RF Transceiver Module
DRF4432D20I DORJI-DRF4432D20I Datasheet
259Kb / 11P
20dBm ISM RF Transceiver Module
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
RF Front--End Receiver Module
Rev. 0, 05/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com