Electronic Components Datasheet Search
  English  ▼

X  

DRF1276DM Datasheet(PDF) 1 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1276DM
Description  LORA Long Range SX1278 Data Radio Modem
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1276DM Datasheet(HTML) 1 Page - Dorji Industrial Group Co.,Ltd

  DRF1276DM Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DRF1276DM
Revision 2.72
May. 2017
1/13
DRF1276DM
LORA Long Range SX1278 Data Radio Modem
V2.72
Features
LoRaTM Frequency Spectrum
868/915Mhz ISM frequency band
-138dBm receive sensitivity
20dBm Max. output power
Serial port wake-up
Wireless wake-up
Star networking ability
Supply voltage 3.4~5.5V
Application
Home automation
Security alarm
Telemetry
Automatic meter reading
Contactless access
Wireless data logger
Remote motor control
Wireless sensor network
DESCRIPTION
DRF1276DM is a type of long range low data rate data radio modem based on SX1276 from
Semtech. DRF1276DM is a low-cost sub-1 GHz transceiver module designed for operations in the
unlicensed ISM (Industrial Scientific Medical) and LPRD bands. Frequency spectrum
modulation/demodulation, multi-channel operation, high bandwidth efficiency and anti-blocking
performance make DRF1276DM modules easy to realize the robust and reliable wireless link.
The module can work in two different modes: Standard mode and Star network mode. In the
standard mode DRF1276DM acts as transparent data radio modem which it communicates with
the host at the preset data format without encoding / decoding needed. In start network mode, one
module will be the configured to the central module and other modules are set to node modules.
The communication between the central module and node module are bidirectional but the node
modules can not talk with each other.


Similar Part No. - DRF1276DM

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRF1276G DORJI-DRF1276G Datasheet
592Kb / 12P
20dBm LoRa Long Range RF Front-end Module
More results

Similar Description - DRF1276DM

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRF1262G DORJI-DRF1262G Datasheet
314Kb / 6P
22dBm LoRa Long Range RF Front-end Module
DRF1268T DORJI-DRF1268T Datasheet
354Kb / 6P
22dBm LoRa Long Range RF Front-end Module
DRF1272F DORJI-DRF1272F Datasheet
232Kb / 6P
20dBm LoRa Long Range RF Front-end Module
DRF1276G DORJI-DRF1276G Datasheet
592Kb / 12P
20dBm LoRa Long Range RF Front-end Module
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
LoRa RS232/RS485 Interface Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
500mW Long Range Lora Data Radio Modem
DRF1278F DORJI-DRF1278F Datasheet
344Kb / 6P
20dBm LoRa Long Range RF Front-end Module
logo
List of Unclassifed Man...
LT8920 ETC2-LT8920 Datasheet
1Mb / 51P
Long range 2.4GHz Radio Transceiver
logo
AUREL S.p.A.
650201474G AUREL-650201474G Datasheet
1Mb / 1P
TM LoRa Repeater providing long range communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com