Electronic Components Datasheet Search
  English  ▼

X  

DRF4463F Datasheet(PDF) 1 Page - Dorji Industrial Group Co.,Ltd

Part # DRF4463F
Description  20dBm ISM RF Transceiver Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF4463F Datasheet(HTML) 1 Page - Dorji Industrial Group Co.,Ltd

  DRF4463F Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DRF4463F Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DRF4463F Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DRF4463F Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF4463F Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF4463F Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DRF4463F
Revision 1.22
Page of 6
Nov. 2014
1
DRF4463F
20dBm ISM RF Transceiver Module
V1.22
Features:
Applications
Frequency Range: 433/868/915MHz
Modulation: (G)FSK/4(G)FSK/(G)MSK
SPI Data Interface
Sensitivity: -126dBm
Max. output Power: +20dBm
Data Rate: -0.1~1000 kbps
Digital RSSI
Wake-up Timer
64/128 bytes TX/RX FIFOs
Integrated Voltage Regulator
Frequency Hopping Capability
Temperature sensor and 8-bit ADC
Working Temperature: -20°C ~+60°C
Standby current: ≤ 1uA
Supply voltage: 1.8~3.6V
Remote Control
Smart metering
Home Automation
Personal data logger
Wireless sensor network
Remote keyless entry
Wireless PC peripherals
DESCRIPTION
DRF4463F is a type of low cost RF front-end transceiver module based on SI4463 from Silicon
labs. It keeps all the advantages of RFIC SI4463 but simplifies the circuit design. The high
sensitivity (-126dBm) and 20dBm high power output make the module suitable for most short
range applications.
DRF4463F module consists of RFIC Si4463, thin SMD crystal and antenna matching circuit. The
antenna port is well matched to standard 50 Ohm impedance. Users don’t need to spend time in
RF circuit design and choose suitable antennas for different applications. DRF4463F operates at
1.8~3.6V with extra low standby current which makes it suitable for battery powered-up
applications.


Similar Part No. - DRF4463F

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRF4463D20 DORJI-DRF4463D20 Datasheet
436Kb / 11P
Medium Power ISM RF Transceiver Module
More results

Similar Description - DRF4463F

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
DRF1101F10 DORJI-DRF1101F10 Datasheet
152Kb / 5P
10dBm ISM RF Transceiver Module
DRF1212D10 DORJI-DRF1212D10 Datasheet
387Kb / 12P
Low Power ISM RF Transceiver Module
DRF4431F13 DORJI-DRF4431F13 Datasheet
140Kb / 6P
13dBm ISM RF Transceiver Module
DRF4431F27 DORJI-DRF4431F27 Datasheet
117Kb / 6P
27dBm ISM RF Transceiver Module
DRF4432D20 DORJI-DRF4432D20 Datasheet
402Kb / 9P
20dBm ISM RF Transceiver Module
DRF4432D20I DORJI-DRF4432D20I Datasheet
259Kb / 11P
20dBm ISM RF Transceiver Module
DRF4432F20 DORJI-DRF4432F20 Datasheet
140Kb / 6P
20dBm ISM RF Transceiver Module
DRF4432S DORJI-DRF4432S Datasheet
235Kb / 6P
20dBm ISM RF Sensor Receiver Module
DRF7020D13 DORJI-DRF7020D13 Datasheet
459Kb / 8P
13dBm ISM RF Transceiver Module
DRF7020D27 DORJI-DRF7020D27 Datasheet
396Kb / 8P
27dBm ISM RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com