Electronic Components Datasheet Search
  English  ▼

X  

SD321 Datasheet(PDF) 7 Page - SHOUDING Shouding Semiconductor

Part # SD321
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD321 Datasheet(HTML) 7 Page - SHOUDING Shouding Semiconductor

  SD321 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SOT23-5 Tape and Reel Specification
TAPE DIMENSIONS
20007615
8mm
0.130
(3.3)
0.124
(3.15)
0.130
(3.3)
0.126
(3.2)
0.138 ± 0.002
(3.5 ± 0.05)
0.055 ± 0.004
(1.4 ± 0.11)
0.157
(4)
0.315 ± 0.012
(8 ± 0.3)
Tape Size
DIM A
DIM Ao
DIM B
DIM Bo
DIM F
DIM Ko
DIM P1
DIM W
7
SD321
Low Power Single Op Amp
www.shouding.net
12.Sep.01



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com