Electronic Components Datasheet Search
  English  ▼

X  

SD3302 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD3302
Description  Light touch 3 function constant use of SOS function with SOS function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3302 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD3302 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3302 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3302 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3302 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD3302 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD3302 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD3302 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD3302ES6P
SD3302
2
订购信息
器件型号
订购号
封装描述
存储温度
封装标记
包装选择
SOT23-6
-65
℃ to +125℃
Reel
引脚信息
SOT23-6
引脚号
名称
引脚功能描述
1
NC
空脚
2
GND
电源负极
3
NC
空脚
4
LX
LED输出,低电平有效
5
KEY
轻触开关
6
VDD
电源正极
1.1
SD3302
Ver
Shouding
Imyxx
Imyxx
Imyxx
SD3302ES6P
SD3302ES6P
SD3302ES6P
www.sd w-w.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com