Electronic Components Datasheet Search
  English  ▼

X  

SD4055 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD4055
Description  600 MA linear lithium battery charger
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD4055 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD4055 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD4055 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD4055 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD4055 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD4055 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
55M45
SD4055
3000PCS
600mA 线性锂离子电池充电器
结构框图
绝对最大额定值
输入电源电压(
VCC):4.2~5.5V
PROG:-0.3~VCC+0.3V
BAT:-0.3~5V
——————
CHRG:-0.3~5V
BAT 短路持续时间:连续
BAT 引脚电流:600mA
PROG 引脚电流:600uA
最大结温:
145℃
工作环境温度范围:
-40℃~85℃
贮存温度范围:
-65℃~125℃
引脚温度(焊接时间
10 秒):260℃
芯片订购信息
芯片型号
封装类型
包装类型
最小包装数量
SOP23-5
盘装
2
600mA
Shouding
Shouding
Shouding
Shouding
Shouding
印记
SD4055
SD4055
www.shouding.net



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com