Electronic Components Datasheet Search
  English  ▼

X  

HM2108 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2108
Description  Application areas: atomizers, humidifiers, etc
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2108 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2108 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2108 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2108 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2108 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 应用说明
2.1 参考原理图
SW 2
SW 1
100K
R1
NM OS
雾化片
L1
B KE Y
V SS
LK EY
LO U T
V DD
B OU T
U1
PM OS
LED
5V
5V
100u/16V
C1
104
C2
R2
100K
注:
1、C1、C2 靠近芯片,增强抗干扰性。
2、未用到功能时相应的脚位保持悬空。
2.2 功能描述
1、上电关闭输出。
2、按 SW1 启动振荡频率输出,定时 2 小时后自动关断;开启过程中,按 SW1 关闭全部输出,定时取消。
3、启动振荡输出后,按 SW2 可以开启指示灯输出,再按一次关闭指示灯输出。
4、未用到功能时相应的脚位保持悬空,如不需要指示灯功能,则 PIN3 和 PIN4 保持悬空即可。
5、不同型号对应的频率输出:
芯片型号
对应频率点(
kHz)
HM2108
108
HM2115
115
HM2120
120
HM2130
130
HM2160
160
HM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com