Electronic Components Datasheet Search
  English  ▼

X  

HM2115 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2115
Description  Application areas: atomizers, humidifiers, etc
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2115 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2115 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2115 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2115 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2115 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 技术参数
工作电压
1.8V-5.5V
输出电压
GND-VDD
工作电流
2mA
待机电流
8uA
工作温度
-25℃-85℃
存储温度
-50℃-125℃
4 注意事项
4.1 电源部分
为避免由电源串入的外界强干扰,在使用过程中必须能有效隔离外部干扰及电压突变。建议采用如图所示
78L05 组成的稳压电路:
Vi n
Vout
GND
78L05
10uF/16V
104
104
220uF/25V
9V
VDD
10R
4.2 PCB 排板部分
用户在设计
PCB 的时候,应该注意以下几个方面:
1、 芯片的滤波电容尽量紧靠着芯片,过电容的连线应不宽于电容焊盘。
2、 芯片尽量远离振荡驱动模块。
HM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com