Electronic Components Datasheet Search
  English  ▼

X  

DWM1001 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DWM1001
Description  Ranging accuracy to within 10cm
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1001 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DWM1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 15Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 16Page - List of Unclassifed Manufacturers DWM1001 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 13
5 TRANSMIT AND RECEIVE POWER CONSUMPTION
Figure 2 shows DWM1001’s power profile when running a typical Two-Way ranging communication scheme. In
this specific case, the PANS R2 tag application is running on the DWM1001.
The tag is in low-power mode, and two-way ranging with 4 anchors. The deep-sleep current occurs while the tag
is sleeping with only the RTC and accelerometer active.
Once awake, the tag transmits at its allocated time in the TDMA-slotting and awaits the anchors responses. This
can be observed as 1 transmission followed by 4 receives and a final transmit . After this is completed, the tag
spends some time computing its location, before returning to sleep. The total time awake is dependent on the
number of anchors within range of the tag. For more details on the system operation, see the DWM1001 System
Overview document[9].
Please note that the best achievable deep sleep current is around 12-15
μA, when limiting peripheral use to the
RTC clock and keeping the microcontroller in deep sleep.
Figure 2: Power consumption running PANS R2 tag application
Single Sided Two-Way Ranging scheme
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
180.00
2.09
2.092
2.094
2.096
2.098
2.1
Time (s)
Deep Sleep 24 μA
Wake-up 6 mA
Idle 13 mA
Transmit Tx
112 mA peak
81 mA average
Receive Rx
150 mA peak
132 mA average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com