Electronic Components Datasheet Search
  English  ▼

X  

LTC3890 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3890
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3890 Datasheet HTML 35Page - Linear Technology LTC3890 Datasheet HTML 36Page - Linear Technology LTC3890 Datasheet HTML 37Page - Linear Technology LTC3890 Datasheet HTML 38Page - Linear Technology LTC3890 Datasheet HTML 39Page - Linear Technology LTC3890 Datasheet HTML 40Page - Linear Technology LTC3890 Datasheet HTML 41Page - Linear Technology LTC3890 Datasheet HTML 42Page - Linear Technology LTC3890 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LTC3372
39
Rev. A
For more information www.analog.com
4.5V to 60V Input 3.3V/10A Output HV Buck Converter Plus Quad 1V/4A, 1.2V/1A, 1.8V/1A and 2.5V/2A LV Regulators
TYPICAL APPLICATIONS
HV Controller Efficiency and
Power Loss vs Output Current
HV Controller Forced Continuous
Mode Load Step
INTVCC
INTVCC
VOUT
INTVCC
MTOP
MBOT
D1
4.7uF
10nF
255k
0.01µF
100pF
2.2nF
6.34k
100k
100k
0.1µF
VINB
SWA
GND
SWB
FB1
VINA
EN1
VIN
VOUTPRG
VINC
VIND
SWC
ITH
SWD
FB2
EN2
TRACK/SS
RUN
PGOOD
RT
CT
PLL/MODE
VINE
VINF
SWE
SWF
FB3
EN3
VING
VINH
SWG
SWH
C1 C2 C3
FB4
EN4
WDI
WDO
TEMP
RSTB
INTVCC
TG
BOOST
SW
BG
SENSE+
SENSE–
VOUT/EXTVCC
LTC3372
MTOP: BSZ099N06LS5
MBOT: BSZ067N06LS3
LHV: XAL1010-102ME
CIN1: 63HVH47M
CIN2: GRM32ER72A225KA35L
COUT1: T520B157M006ATE025
COUT2: GRM32ER71A476KE15
D1: DFLS1100
CIN1
47µF
×2
CIN2
2.2µF
×2
VIN
60V MAX
4.5V MIN
RSENSE
3m
LHV
1µH
COUT2
47µF
COUT1
150µF
×2
10
1nF
VOUT
3.3V
10A*
309k
665k
47µF
L4
0.6µH
VOUT4
2.5V
2A
VOUT
10µF
×2
VOUT
10µF
×2
649k
162k
47µF
×2
L1
0.4µH
VOUT1
1V
4A
VOUT
10µF
10µF
464k
232k
22µF
L2
1.5µH
VOUT2
1.2V
1A
649k
806k
22µF
L3
1.5µH
VOUT3
1.8V
1A
3372 TA04a
*FULL LOAD IS EQUIVALENT TO SPECIFIED LOAD CURRENT
PLUS THE FULL LOAD INPUT CURRENT FROM VOUT1-4
BURST EFFICIENCY
BURST LOSS
FCM EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FCM LOSS
PULSE–SKIPPING
LOSS
OUTPUT CURRENT (A)
0.0001 0.001
0.01
0.1
1
1020
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
3372 TA04b
VIN = 12V
VOUT = 3.3V
ILOAD = 200mA to 12A
100µs/DIV
ILOAD
5A/DIV
VOUT
AC–COUPLED
100mV/DIV
3372 TA04c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com