Electronic Components Datasheet Search
  English  ▼

X  

RM6203 Datasheet(PDF) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6203
Description  High Performance Current Mode PWM Switching Power Supply controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6203 Datasheet(HTML) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6203 Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6203 Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RM6203
www.reactor-micro.com
3
ABSOLUTE MAXIMUM RATINGS(Note 1)
Supply Voltage VCC…………………………….… 18V
Pin Input Voltage………………………………… VCC+0.3V
OC Voltage……………………………..…… -0.3-700V
Switching Current………………….………………… 800mA
Total Dissipation Power………………..…… 1000mW
Operating Temperature Range……..……………… 0-75℃
Storage Temperature Range…………… -40 - 150℃
Welding Temperature……......……………… +260℃,10S
ELECTRICAL CHARACTERISTICS
The specifications are applied at T=25℃, VCC=5.5-7.5V, Ct=680PF, RS=1Ω, unless otherwise noted.(Note 2)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Section
Max. Withstanding Voltage of
the Switching Tube
IOC=10mA
700
V
Saturation Voltage
VSAT
Ioc=250mA
1
V
Output Rise Time
TR
CL=1nF
75
ns
Output Fall Time
TF
CL=1nF
75
ns
Output Limiting Current
Tj=0-100℃
250
270
290
mA
Reference Section
Reference Output Voltage
VREF
Io=1.0mA
2.4
2.5
2.6
V
Line Regulation
Vcc=5.5-9V
2
20
mV
Load Regulation
Io=0.1-1.2mA
3
%
Temperature Stability
0.2
mV/℃
Output Noise Voltage
F=10Hz-10KHz
50
uV
Long Term Stability
1000 hours@85℃
5
mV
Oscillator Section
Oscillating Frequency
FOSC
Ct=680PF
59
66
73
KHz
Voltage Stability
Vcc=5.5-9V
1
%
Temperature Stability
Ta=0-85℃
1
%
Oscillator Amplitude (Vp - p)
2.2
V
Feedback Section
Pull-up
Current
FB=2.5V, IS=0V
0.55
0.6
0.65
mA
Input
Impedance
Pull-Down
Resistor
30
KΩ
Power Supply Suppression
Ratio
Vcc=5.5-9V
60
70
dB
Current Sampling Section
Current Sampling Threshold
VCS
0.55
0.60
0.65
V
Anti-Upper Limit Current
IL
0.25
0.27
0.29
A
Power Supply Suppression
Ratio
60
70
dB
PWM Section
Maximum Duty Ratio
DMAX
53
57
61
%
Minimum Duty Ratio
DMIN
3.5
%
Power Supply Current Section
Initiating Reception Current
1.6
2.4
3.2
mA
Initiating Static Current
55
80
uA
Static Current
IQ
Vcc=8V
2.8
mA
Start-up voltage
7.6
7.8
8.0
V
Oscillator Turn-off Voltage
4.2
4.4
4.6
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com