Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3375
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3375 Datasheet HTML 18Page - Linear Technology LTC3375 Datasheet HTML 19Page - Linear Technology LTC3375 Datasheet HTML 20Page - Linear Technology LTC3375 Datasheet HTML 21Page - Linear Technology LTC3375 Datasheet HTML 22Page - Linear Technology LTC3375 Datasheet HTML 23Page - Linear Technology LTC3375 Datasheet HTML 24Page - Linear Technology LTC3375 Datasheet HTML 25Page - Linear Technology LTC3375 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LTC3372
22
Rev. A
For more information www.analog.com
OPERATION
The synchronization frequency range is 1MHz to 3MHz.
A synchronization signal on the PLL/MODE pin will force
all low voltage (LV) active buck switching regulators to
operate in forced continuous mode PWM.
The LV regulators switch directly off the internal oscillator
in 90-degree phase increments. The LTC3372 HV control-
ler switches at one-sixth (1/6) of the internal oscillator
frequency with a range of between 166kHz to 500kHz.
Windowed Watchdog Timer
A standard watchdog function is used to ensure that the
system is in a valid state by continuously monitoring the
microprocessor’sactivity.Themicroprocessormusttoggle
the logic state of the WDI pin periodically in order to clear
the watchdog timer. The WDI pin reset is read only on a
WDI falling edge, such that a single reset signal may be
asserted by pulsing the WDI pin for a time greater than
the minimum pulse width. If timeout occurs, a WDO low
is asserted for the reset timeout period, issuing a system
reset. Once the reset timeout completes, WDO is released
to go high and the watchdog timer starts again.
During power-up, the watchdog timer initiates in the
timeout state with WDO asserted low. As soon as the
reset timer times out, WDO goes high and the watchdog
timer is started.
A windowed watchdog function is implemented by add-
ing a lower boundary condition to the standard watchdog
function. If the WDI input receives a falling edge prior to
the watchdog lower boundary, the part considers this a
watchdog failure, and asserts WDO low (releasing again
aftertheresettimeoutperiodasdescribedabove).Thiswill
again be followed by another lower boundary time period.
The watchdog timer shuts down when RUN and EN1-4
are off (all HV and LV regulators are shut down). Tying the
CT pin to INTVCC disables the watchdog timer regardless
of the RUN and EN1-4 pins (HV and LV regulators either
on or off).
Choosing the CT Capacitor
The watchdog timeout period is adjustable and can be
optimized for software execution. The watchdog timeout
period is adjusted by connecting a capacitor between CT
and ground. Given a specified watchdog timeout period,
the capacitor is determined by:
CT = tWDO • 49.39 [nF/s]
For example, using a standard capacitor value of 10nF
gives a 202ms watchdog timeout period. Further, the other
watchdog timing periods scale with tWDO. The watchdog
lower boundary time (tWDL) scales as precisely 1/4 of
tWDO, the watchdog upper boundary time following the
previous WDI pulse scales as eight times that of tWDO, and
the watchdog upper boundary time following a watchdog
timeout scales as 64 times that of tWDO. Finally the RST
assertion delay will scale to the same time as tWDO.
These timing periods are illustrated in Figure 1. Each WDO
low period is equal to the time period t2-t1 (202ms for a
10nF CT capacitor, typical). If a WDI falling edge occurs
before the watchdog lower boundary, indicated by t3-t2
(50.6ms for a 10nF CT capacitor, typical), then another
watchdog timeout period occurs. If a WDI falling edge
occurs after the watchdog lower boundary (t4), then the
watchdog counter resets, beginning with another watch-
dog lower boundary period. In the case where a WDI low
transition is not detected by the specified time another
watchdog timeout period is initiated. This time is indicated
by t5-t4 (1.62s for a 10nF CT capacitor, typical). If a WDI
low transition is not detected within the specified time fol-
lowing a watchdog timeout period, then another watchdog
timeout period is initiated. This time is indicated by t7-t6
(12.9s for a 10nF CT capacitor, typical).
WDO
WDI
t1 t2 t3
t4
t5 t6
t7
3372 F01
Figure 1. WDO Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com