Electronic Components Datasheet Search
  English  ▼

X  

MPF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MPF
Description  Metallized Polypropylene Film Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MPF Datasheet HTML 1Page - List of Unclassifed Manufacturers MPF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XRY
Film Capacitors
LIVINGSTON Group
http://livingston.com.tw E-mail: info@livingston.com.tw
V4.1 - 2005
Factory: Shanghai XiangRiYa Electronic Co., Ltd.
26
• Form:
• Dimensions: …… MPF (CBB22)
250V
400V
630V
1000V
Cap.
Cap.
Code
W
H
T
W
H
T
W
H
T
W
H
T
1nF
102
W
11
13
18
26
31
11
7.0
4.5
1.5nF
152
P
7.5
10
15
22.5
27.5
11
7.0
4.5
2.2nF
222
dφφ
0.6
0.6
0.8
0.8
0.8
11
7.0
4.5
3.3nF
332
11
7.5
4.5
4.7nF
472
11
7.5
4.5
4.7nF
472
13
9.0
4.5
6.8nF
682
13
9.5
5.0
10nF
103
13
10.0
5.5
15nF
153
13
8.5
4.5
13
10.5
6.0
15nF
153
18
10.5
6.5
22nF
223
11
8.0
4.5
11
9.5
5.5
13
12
7
22nF
223
13
9.0
5.0
18
13
7.0
33nF
333
11
8.0
4.5
11
8.0
5.0
13
10.5
5.5
18
12.5
6.5
33nF
333
13
8.5
4.5
26
12.0
6.5
47nF
473
11
8.5
5.0
11
9.0
6.0
13
11.5
6.5
18
13.5
7.0
47nF
473
13
8.5
4.5
13
9.5
5.5
18
9.5
5.0
26
14.5
6.8
68nF
683
13
9.5
4.5
13
10.5
6.0
18
10.5
5.5
26
15.5
7.5
0.1µF
104
13
10.0
6.0
13
12.0
7.0
18
12.5
6.0
26
17.0
9.0
0.1µF
104
18
9.5
4.5
18
10.0
6.0
0.15µF
154
13
11.5
6.5
18
11.0
6.0
18
13.5
7.0
26
18.0
9.0
0.15µF
154
18
10.0
5.5
31
19.5
9.5
0.22µF
224
18
11.0
6.0
18
12.0
7.5
26
15.0
7.0
26
21.0
11.0
0.22µF
224
26
11.0
6.5
31
21.0
11.5
0.33µF
334
18
13.5
7.0
18
14.5
8.0
26
16.5
8.5
31
24.0
12.0
0.33µF
334
26
12.5
6.0
26
13.5
7.0
0.47µF
474
18
14.5
8.0
18
16.0
10.0
26
20.0
9.5
31
25.5 15.0
0.47µF
474
26
14.0
7.0
26
15.0
8.0
31
19.0
8.5
0.68µF
684
18
16.0
10.0
26
17.5
9.0
26
21.5
11.5
0.68µF
684
26
15.0
8.0
31
20.5
10.5
1µF
105
26
17.5
9.0
26
19.5
11.0
26
23.0
12.5
1µF
105
31
17.0
8.5
31
19.0
10.0
31
22.0
11.5
1.5µF
155
26
20.0
11.5
31
22.0
11.5
31
26.0
15.5
2.2µF
225
31
22.5
11.5
31
24.0
13.0
3.3µF
335
31
25.5
14.5
31
28.5
17.5
4.7µF
475
31
25.5
17.0
Inquiry for capacitance/dimension not listed, please contact with us.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com