Electronic Components Datasheet Search
  English  ▼

X  

P2003ED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P2003ED
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P2003ED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P2003ED Datasheet HTML 1Page - List of Unclassifed Manufacturers P2003ED Datasheet HTML 2Page - List of Unclassifed Manufacturers P2003ED Datasheet HTML 3Page - List of Unclassifed Manufacturers P2003ED Datasheet HTML 4Page - List of Unclassifed Manufacturers P2003ED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P2003ED
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-30
-1.0
-1.6
-3.0
±100
nA
1
10
-100
A
28
35
17
20
26
S
1600
362
266
3
Ω
28
12
7
6
12
10
36
19
-32
A
-1
V
36
nS
32
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Gate-Drain Charge
2
Gate-Source Charge
2
Drain-Source On-State
Resistance
1
RDS(ON)
Ciss
Coss
Crss
Qgd
VGS = -10V, ID = -18A
STATIC
Gate Resistance
Output Capacitance
Forward Voltage
1
Reverse Recovery Time
mΩ
On-State Drain Current
1
ID(ON)
IF = -18A, dlF/dt = 100A / mS
nS
VDS = -15V, ID@ -18A,
VGS = -10V, RGEN = 6Ω
VDS = -5V, VGS = -10V
tf
VSD
Qrr
Rg
Fall Time
2
td(on)
tr
td(off)
Input Capacitance
Qg(VGS = 10V)
VDS = 0.5V(BR)DSS, VGS = -10V,
ID = -18A
TEST CONDITIONS
Reverse Recovery Charge
Continuous Current
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
IF = -1A, VGS = 0V
trr
IS
nC
Drain-Source Breakdown Voltage
VGS = -4.5V, ID = -12A
VDS = -5V, ID = -12A
VGS(th)
Forward Transconductance
1
VGS = 0V, ID = -250mA
V(BR)DSS
Zero Gate Voltage Drain Current
Gate-Body Leakage
Qgs
Reverse Transfer Capacitance
VGS = 0V, VDS = -15V, f = 1MHz
gfs
Gate Threshold Voltage
DYNAMIC
V
IGSS
mA
pF
VDS = -24V, VGS = 0V
IDSS
LIMITS
UNIT
Total Gate Charge
2
Qg(VGS = 4.5V)
PARAMETER
SYMBOL
VGS = 0V, VDS = 0V , f = 1MHZ
VDS = -20V, VGS = 0V , TJ = 55 °C
VDS = VGS, ID = -250mA
VDS = 0V, VGS = ±25V
Ver 1.1
2
2013-3-21



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com