Electronic Components Datasheet Search
  English  ▼

X  

LT6011CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6011CS8
Description  Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6011CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT6011CS8 Datasheet HTML 1Page - Linear Technology LT6011CS8 Datasheet HTML 2Page - Linear Technology LT6011CS8 Datasheet HTML 3Page - Linear Technology LT6011CS8 Datasheet HTML 4Page - Linear Technology LT6011CS8 Datasheet HTML 5Page - Linear Technology LT6011CS8 Datasheet HTML 6Page - Linear Technology LT6011CS8 Datasheet HTML 7Page - Linear Technology LT6011CS8 Datasheet HTML 8Page - Linear Technology LT6011CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT6011/LT6012
1
sn60112 60112fas
s
Thermocouple Amplifiers
s
Precision Photo Diode Amplifiers
s
Instrumentation Amplifiers
s
Battery-Powered Precision Systems
s
Low Voltage Precision Systems
s
60
µV Maximum Offset Voltage
s
300pA Maximum Input Bias Current
s
135
µA Supply Current per Amplifier
s
Rail-to-Rail Output Swing
s
120dB Minimum Voltage Gain, VS = ±15V
s
0.8
µV/°C Maximum VOS Drift
s
14nV/
√Hz Input Noise Voltage
s
2.7V to
±18V Supply Voltage Operation
s
Operating Temperature Range: – 40
°C to 85°C
s
Space Saving 3mm
× 3mm DFN Package
Dual/Quad135
µA, 14nV/√Hz,
Rail-to-Rail Output
Precision Op Amp
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
SoftSpan is a trademark of Linear Technology Corporation.
The LT
®6011/LT6012 op amps combine low noise and
high precision input performance with low power con-
sumption and rail-to-rail output swing.
Input offset voltage is trimmed to less than 60
µV. The low
drift and excellent long-term stability guarantee a high
accuracy over temperature and time. The 300pA maxi-
mum input bias current and 120dB minimum voltage gain
further maintain this precision over operating conditions.
The LT6011/LT6012 work on any power supply voltage
from 2.7V to 36V and draw only 135
µA of supply current
on a 5V supply. The output swings to within 40mV of either
supply rail, making the amplifier a good choice for low
voltage single supply applications.
The LT6011/LT6012 are specified at 5V and
±15V supplies
and from –40
°C to 85°C. The LT6011 (dual) is available in
SO-8 and space saving 3mm
× 3mm DFN packages. The
LT6012 (quad) is available in SO-14 and 16-pin SSOP
packages.
Low Power Programmable Output Range 16-Bit SoftSpan
TM DAC
–
+
1/2 LT6011
VS
+
VS
+
VS
–
1/2 LT6011
16-BIT DAC
LTC1592
RCOM
1
R1
2
VCC
0.1
µF
9
R2
R2
R1
16
ROFS
3
7
5
6
REF
15
RFB
IOUT1
VOUT
4
5V
5
1
2
3
IOUT2
AGND
GND
CLR
CS/LD
SCK
SDI
SDO
6
7
8
14
13
12
11
10
C2
270pF
C1
270pF
SUPPLY CURRENT
≅ 1.6mA TO 4mA
DEPENDING ON CODE
6011 TA01
8
4
LT1236-5
20V Output Step Response
5V/DIV
0V
0V
5V/DIV
100
µs/DIV
6011 TA03


Similar Part No. - LT6011CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6011 LINER-LT6011 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LT6011 AD-LT6011 Datasheet
802Kb / 26P
6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
Rev E
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
More results

Similar Description - LT6011CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
June 18, 2009
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com