Electronic Components Datasheet Search
  English  ▼

X  

HM5318M5 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5318M5
Description  High Speed Current_Low Dropout CMOS Voltage Regulator HM53XXM5 Series 500mA (With Enable control)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5318M5 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5318M5 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5318M5 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
■
Package and Pin Assignment
Application
Application
Application Circuits
Circuits
Circuits:
NOTE:: ON/OFF Input Pin : CE =“H”,Output on Operating
Absolute Maximum Ratings:
(Ta=25℃ unless otherwise specified)
Caution The absolute maximum ratings are rated values exceeding which the
product could suffer physical damage. These values must therefore not
be exceeded under any conditions.
Item
Symbol
Absolute Maximum
Ratings
Unit
Input voltage
VIN
12
V
Output voltage
VOUT
Vss-0.3~ VIN+0.3
Power
dissipation
PD
SOT_23
200
Mw
Operation
temperature range
Topr
-40~+85
℃
Storage temperature
range
Tstg
-40~+125
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM53XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com